Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7682 Datasheet HTML 20Page - Analog Devices AD7682 Datasheet HTML 21Page - Analog Devices AD7682 Datasheet HTML 22Page - Analog Devices AD7682 Datasheet HTML 23Page - Analog Devices AD7682 Datasheet HTML 24Page - Analog Devices AD7682 Datasheet HTML 25Page - Analog Devices AD7682 Datasheet HTML 26Page - Analog Devices AD7682 Datasheet HTML 27Page - Analog Devices AD7682 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD7682/AD7689
Rev. 0 | Page 27 of 28
OUTLINE DIMENSIONS
2.65
2.50 SQ
2.35
3.75
BSC SQ
4.00
BSC SQ
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGD-1
1
0.50
BSC
PIN 1
INDICATOR
0.50
0.40
0.30
TOP VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
COPLANARITY
0.08
1.00
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
20
6
16
10
11
15
5
EXPOSED
PAD
(BOTTOM VIEW)
0.60 MAX
0.60 MAX
0.25 MIN
Figure 38. 20-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
4 mm × 4 mm Body, Very Thin Quad
(CP-20-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Integral
Nonlinearity
No Missing
Code
Temperature
Range
Package Description
Package
Option
Ordering
Quantity
AD7682BCPZ1
±2 LSB max
16 bits
–40°C to +85°C
20-Lead QFN (LFCSP_VQ)
CP-20-4
Tray, 490
AD7682BCPZRL71
±2 LSB max
16 bits
–40°C to +85°C
20-Lead QFN (LFCSP_VQ)
CP-20-4
Reel, 1,500
AD7689ACPZ1
±6 LSB max
15 bits
–40°C to +85°C
20-Lead QFN (LFCSP_VQ)
CP-20-4
Tray, 490
AD7689ACPZRL71
±6 LSB max
15 bits
–40°C to +85°C
20-Lead QFN (LFCSP_VQ)
CP-20-4
Reel, 1,500
AD7689BCPZ1
±2 LSB max
16 bits
–40°C to +85°C
20-Lead QFN (LFCSP_VQ)
CP-20-4
Tray, 490
AD7689BCPZRL71
±2 LSB max
16 bits
–40°C to +85°C
20-Lead QFN (LFCSP_VQ)
CP-20-4
Reel, 1,500
EVAL-AD7682CBZ1
Evaluation Board
EVAL-AD7689CBZ1
Evaluation Board
EVAL-CONTROL BRD32
Controller Board
1 Z = RoHS Compliant Part.
2 This controller board allows a PC to control and communicate with all Analog Devices evaluation boards whose model numbers end in CB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com