Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7682 Datasheet HTML 20Page - Analog Devices AD7682 Datasheet HTML 21Page - Analog Devices AD7682 Datasheet HTML 22Page - Analog Devices AD7682 Datasheet HTML 23Page - Analog Devices AD7682 Datasheet HTML 24Page - Analog Devices AD7682 Datasheet HTML 25Page - Analog Devices AD7682 Datasheet HTML 26Page - Analog Devices AD7682 Datasheet HTML 27Page - Analog Devices AD7682 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD7682/AD7689
Rev. 0 | Page 25 of 28
READ/WRITE SPANNING CONVERSION WITH A
BUSY INDICATOR
This mode is used when the AD7682/AD7689 are connected to
any host using an SPI, serial port, or FPGA with an interrupt
input. The connection diagram is shown in Figure 36, and the
corresponding timing is given in Figure 37. For SPI, the host
should use CPHA = CPOL = 1. Reading/writing spanning
conversion is shown, which covers all three modes detailed in
the Digital Interface section.
A rising edge on CNV initiates a conversion, forces SDO to
high impedance, and ignores data present on DIN. After a
conversion is initiated, it continues until completion
irrespective of the state of CNV. CNV must be returned low
before the safe data transfer time, tDATA, and then held low
beyond the conversion time, tCONV, to generate the busy signal
indicator. When the conversion is complete, SDO transitions
from high impedance to low with a pull-up to VIO, which can
be used to interrupt the host to begin data transfer.
After the conversion is complete, the AD7682/AD7689 enter
the acquisition phase and power down. The host must enable
the MSB of CFG at this time (if necessary) to begin the CFG
update. While CNV is low, both a CFG update and a data
readback take place. The first 14 SCK rising edges are used to
update the CFG, and the first 16 SCK falling edges clock out the
conversion results starting with the MSB. The restriction for
both configuring and reading is that they both occur before the
tDATA time elapses for the next conversion. All 14 bits of
CFG[13:0] must be written or they are ignored. Also, if the 16-bit
conversion result is not read back before tDATA elapses, it is lost.
The SDO data is valid on both SCK edges. Although the rising
edge can be used to capture the data, a digital host using the
SCK falling edge allows a faster reading rate, provided it has an
acceptable hold time. After the optional 17th SCK falling edge,
SDO returns to high impedance. Note that, if the optional SCK
falling edge is not used, the busy feature cannot be detected if
the LSB for the conversion is low.
If CFG readback is enabled, the CFG associated with the
conversion result (n − 1) is read back MSB first following the
LSB of the conversion result. A total of 31 SCK falling edges is
required to return SDO to high impedance if this is enabled.
AD7682/
AD7689
MISO
MOSI
SCK
SS
SDO
VIO
FOR SPI USE CPHA = 1, CPOL = 1.
SCK
CNV
DIN
DIGITAL HOST
IRQ
Figure 36. Connection Diagram for the AD7682/AD7689 with a Busy Indicator
SCK
ACQUISITION (n)
ACQUISITION
(n + 1)
CNV
DIN
SDO
MSB
MSB
– 1
1
2
BEGIN DATA (n – 1)
BEIGN CFG (n + 1)
CFG
MSB
LSB
+ 1
LSB
15
15
SEE NOTE
SEE NOTE
NOTES:
1. THE LSB IS FOR CONVERSION RESULTS OR THE CONFIGURATION REGISTER CFG (n – 1) IF
16 SCK FALLING EDGES = LSB OF CONVERSION RESULTS.
30 SCK FALLING EDGES = LSB OF CONFIGURATION REGISTER.
ON THE 17TH OR 31st SCK FALLING EDGE, SDO IS DRIVEN TO HIGH IMPENDANCE.
OTHERWISE, THE LSB REMAINS ACTIVE UNTIL THE BUSY INDICATOR IS DRIVEN LOW.
16
16
17/
31
17/
31
CONVERSION (n)
CONVERSION
(n – 1)
(QUIET
TIME)
END DATA (n – 2)
END DATA (n – 1)
END CFG (n + 1)
END CFG (n)
X
XX
X
X
X
t
DATA
UPDATE (n + 1)
CFG/SDO
LSB
+ 1
LSB
CONVERSION (n – 1)
(QUIET
TIME)
UPDATE (n)
CFG/SDO
t
CYC
tACQ
tHDIN
tHSDO
tDSDO
t
SDIN
tDATA
tCONV
t
CNVH
t
DIS
tDIS
t
DIS
t
EN
tEN
tEN
CFG
MSB –1
Figure 37. Serial Interface Timing for the AD7682/AD7689 with a Busy Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com