Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7699 Datasheet HTML 4Page - Analog Devices AD7699 Datasheet HTML 5Page - Analog Devices AD7699 Datasheet HTML 6Page - Analog Devices AD7699 Datasheet HTML 7Page - Analog Devices AD7699 Datasheet HTML 8Page - Analog Devices AD7699 Datasheet HTML 9Page - Analog Devices AD7699 Datasheet HTML 10Page - Analog Devices AD7699 Datasheet HTML 11Page - Analog Devices AD7699 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7699
Rev. 0 | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 5V, VREF = 5V, VIO = VDD, unless otherwise noted
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
16,384
32,768
49,152
65,536
CODES
Figure 5. Integral Nonlinearity vs. Code
250,000
200,000
150,000
100,000
50,000
0
0
0
3
13,341
26,926
10
0
0
7FF9 7FFA 7FFB 7FFC 7FFD 7FFE
7FFF
8000
8001
CODE IN HEX
σ = 0.51 LSB
VREF = 5V
220,840
Figure 6. Histogram of a DC Input at Code Center
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (kHz)
VREF = 5V
fS = 500kSPS
fIN = 19.94kHz
SNR = 92.3dB
SINAD = 91.5dB
THD = –98dB
SFDR = 100dB
SECOND HARMONIC = –111dB
THIRD HARMONIC = –101dB
Figure 7. 20 kHz FFT, VREF = 5 V
1.5
1.0
0.5
0
–0.5
–1.0
0
16,384
32,768
49,152
65,536
CODES
Figure 8. Differential Nonlinearity vs. Code
250,000
200,000
150,000
100,000
50,000
0
0
0
119
31,411
157
0
0
σ = 0.78 LSB
VREF = 4.096V
191,013
38,420
7FF9 7FFA 7FFB 7FFC 7FFD 7FFE
7FFF
8000
8001
CODE IN HEX
Figure 9. Histogram of a DC Input at Code Center
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (kHz)
VREF = 4.096V
fS = 500kSPS
fIN = 19.94kHz
SNR = 91.1dB
SINAD = 90.4dB
THD = –98dB
SFDR = 100dB
SECOND HARMONIC = –104dB
THIRD HARMONIC = –101dB
Figure 10. 20 kHz FFT, VREF = 4.096 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com