Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7699 Datasheet HTML 6Page - Analog Devices AD7699 Datasheet HTML 7Page - Analog Devices AD7699 Datasheet HTML 8Page - Analog Devices AD7699 Datasheet HTML 9Page - Analog Devices AD7699 Datasheet HTML 10Page - Analog Devices AD7699 Datasheet HTML 11Page - Analog Devices AD7699 Datasheet HTML 12Page - Analog Devices AD7699 Datasheet HTML 13Page - Analog Devices AD7699 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7699
Rev. 0 | Page 10 of 28
94
92
90
88
86
17
16
15
14
13
4.0
4.5
5.0
5.5
REFERENCE VOLTAGE (V)
fIN = 20kHz
SNR
SINAD
ENOB
Figure 17. SNR, SINAD, ENOB vs. Reference Voltage
95
94
93
92
91
90
89
88
87
86
85
15.6
15.5
15.4
15.3
15.2
15.1
15.0
14.9
14.8
14.7
14.6
–10
–8–6
–4–2
0
INPUT LEVEL (dB)
fIN = 20kHz
VREF = 5V
SNR
SINAD
ENOB
Figure 18. SNR, SINAD, and ENOB vs. Input Level
3
2
1
0
–1
–2
–3
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
UNIPOLAR OFFSET
UNIPOLAR GAIN
BIPOLAR GAIN
BIPOLAR OFFSET
Figure 19. Offset and Gain Errors vs. Temperature, Not Normalized
–80
–85
–90
–95
–100
–105
–110
110
105
100
95
85
90
80
4.0
4.5
5.0
5.5
REFERENCE VOLTAGE (V)
SFDR
THD
Figure 20. THD, SFDR vs. Reference Voltage
5500
5250
5000
4750
4500
180
140
100
60
160
120
80
40
20
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VIO
fs = 500kSPS
VDD, INT REF
VDD, EXT REF
Figure 21. Operating Currents vs. Temperature
5750
5500
5250
5000
4750
4500
4250
4000
3750
100
90
80
70
60
50
40
30
20
4.5
5.0
5.5
VDD SUPPLY (V)
fS = 500kSPS
VIO
EXTERNAL REF, TEMP ON
4.096V INTERNAL REF
EXTERNAL REF, TEMP OFF
INTERNAL BUFFER, TEMP OFF
INTERNAL BUFFER, TEMP ON
Figure 22. Operating Currents vs. Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com