Electronic Components Datasheet Search
  English  ▼

X  

ADATE302-02BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADATE302-02BBCZ
Description  500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE302-02BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADATE302-02BBCZ Datasheet HTML 9Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 10Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 11Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 12Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 13Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 14Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 15Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 16Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
ADATE302-02
Rev. 0 | Page 13 of 52
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions/Comments
FORCE CURRENT (FI)
VDUTx externally forced to 0.0 V, unless otherwise specified
Ideal force current transfer function:
IFORCE = (PMUDAC − 2.5) × (FSR/5)
Force Current, DUTx Pin Voltage
Range for All Ranges
−2.0
+6.0
V
D
Force Current Uncalibrated
Accuracy
Range A
−5.0
±0.5
+5.0
mA
P
PMU enabled, FIMI, PE disabled, error at calibration points of
−20 mA and +20 mA
Range B
−400
±40
+400
μA
P
PMU enabled, FIMI, PE disabled, error at calibration points of
−1.6 mA and +1.6 mA
Range C
−40
±4
+40
μA
P
PMU enabled, FIMI, PE disabled, error at calibration points of
±80% FS
Range D
−4
±0.4
+4
μA
P
PMU enabled, FIMI, PE disabled, error at calibration points of
±80% FS
Range E
−400
±75
+400
nA
P
PMU enabled, FIMI, PE disabled, error at calibration points of
±80% FS
Force Current Offset Tempco
Range A
±1
μA/°C
CT
Measured at calibration points
Range B
±80
nA/°C
CT
Measured at calibration points
Range C to Range E
±4
nA/°C
CT
Measured at calibration points
Forced Current Gain Error,
Nominal Gain = 1
−20
±4
+20
%
P
PMU enabled, FIMI, PE disabled, gain error from calibration
points of ±80% FS
Forced Current Gain Tempco
Measured at calibration points
Range A
−500
ppm/°C
CT
Range B to Range E
±75
ppm/°C
CT
Force Current INL
Range A
−0.3
±0.05
+0.3
% FSR
P
PMU enabled, FIMI, PE disabled, after two-point gain/offset
calibration; measured over FSR output of
−25 mA to +25 mA
Range B to Range E
-0.2
±0.015
0.2
% FSR
P
PMU enabled, FIMI, PE disabled, after two-point gain/offset
calibration; measured over FSR output
Force Current Compliance vs.
Voltage Load
PMU enabled, FIMV, PE disabled; force positive full-scale
current driving −2.0 V and +6.0 V, measure ∆I @ DUTx pin;
force negative full-scale current driving −2.0 V and +6.0 V,
measure ∆I @ DUTx pin
Range A to Range D
−0.6
±0.06
+0.6
% FSR
P
Range E
−1.0
+±0.1
+1.0
% FSR
P
MEASURE VOLTAGE
Measure Voltage Range
−2.0
+6.0
V
D
Measure Voltage Uncalibrated
Accuracy
−25
±2.0
+25
mV
P
PMU enabled, FVMV, Range B, PE disabled, error at calibration
points of 0 V and 5 V, error = (VMEASOUT01 − VDUTx)
Measure Voltage Offset Tempco
±10
μV/°C
CT
Measured at calibration points
Measure Voltage Gain Error
−2
±0.01
+2
%
P
PMU enabled, FVMV, Range B, PE disabled, gain error from
calibration points of 0 V and 5 V
Measure Voltage Gain Tempco
25
ppm/°C
CT
Measured at calibration points
Measure Voltage INL
−7
±1
+7
mV
P
PMU enabled, FVMV, Range B, PE disabled, after two-point
gain/offset calibration; measured over output range of −2.0 V
to +6.0 V
Rejection of Measure V vs. IDUTx
−1.5
±0.1
+1.5
mV
P
PMU enabled, FVMV, Range D, PE disabled, force 0 V into load
of −10 μA and +10 μA; measure ∆V reported at MEASOUT01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com