Electronic Components Datasheet Search
  English  ▼

X  

ADATE302-02BBCZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADATE302-02BBCZ
Description  500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE302-02BBCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADATE302-02BBCZ Datasheet HTML 18Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 19Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 20Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 21Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 22Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 23Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 24Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 25Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
ADATE302-02
Rev. 0 | Page 22 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
TIME (ns)
0.05
0
0.10
0.15
0.20
0.25
0.30
0.2V
0.5V
02468
10
12
14
16
18
TIME (ns)
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
02468
10
12
14
16
18
Figure 3. Driver Small Signal Response;
VH = 0.2 V, 0.5 V; VL = 0.0 V; 50 Ω Termination
Figure 6. 100 MHz Driver Response; VH = 1.0 V, 2.0 V, 3.0 V; VL = 0.0 V;
50 Ω Termination
TIME (ns)
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
12
3456789
10
0
TIME (ns)
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
2
4
6
8
10
12
14
16
18
Figure 7. 300 MHz Driver Response; VH = 1.0 V, 2.0 V, 3.0 V; VL = 0.0 V;
50 Ω Termination
Figure 4. Driver Large Signal Response;
VH = 1.0 V, 2.0 V, 3.0 V; VL = 0.0 V; 50 Ω Termination
TIME (ns)
–1
0
1
2
3
4
5
6
0246
8
10
12
14
16
18
TIME (ns)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
09
8
7
6
5
4
3
2
1
Figure 5. Driver Large Signal Response; VH = 1.0 V, 3.0 V, 5.0 V; VL = 0.0 V;
500 Ω Termination
Figure 8. 400 MHz Driver Response; VH = 0.5 V, 1.0 V, 2.0 V, 3.0 V; VL = 0.0 V;
50 Ω Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com