Electronic Components Datasheet Search
  English  ▼

X  

ADATE302-02BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADATE302-02BBCZ
Description  500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE302-02BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADATE302-02BBCZ Datasheet HTML 17Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 18Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 19Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 20Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 21Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 22Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 23Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 24Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
ADATE302-02
Rev. 0 | Page 21 of 52
BGA Designator
Mnemonic
Description
J2
AGND
Analog Ground
J3
AGND
Analog Ground
J4
DAC16_MON
16-Bit DAC Monitor Mux Output
J5
DGND
Digital Ground
J6
SDIN
Serial Peripheral Interface (SPI) Data In
J7
RST
Serial Peripheral Interface (SPI) Reset
J8
AGND
Analog Ground
J9
AGND
Analog Ground
J10
AGND
Analog Ground
K1
MEASOUT01/TEMPSENSE
Muxed Output Shared by PMU MEASOUT Channel 0, PMU MEASOUT Channel 1,
Temperature Sense and Temperature Sense GND Reference
K2
DUTGND
DUT Ground Reference
K3
AGND
Analog Ground
K4
CS
Serial Peripheral Interface (SPI) Chip Select
K5
SDOUT
Serial Peripheral Interface (SPI) Data Out
K6
SCLK
Serial Peripheral Interface (SPI) Clock
K7
VCC
Supply +3.3 V
K8
AGND
Analog Ground
K9
VREF
+5 V DAC Reference Voltage
K10
VREF_GND
DAC Ground Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com