Electronic Components Datasheet Search
  English  ▼

X  

ADF9010BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADF9010BCPZ
Description  900 MHz ISM Band Analog RF Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF9010BCPZ Datasheet HTML 6Page - Analog Devices ADF9010BCPZ Datasheet HTML 7Page - Analog Devices ADF9010BCPZ Datasheet HTML 8Page - Analog Devices ADF9010BCPZ Datasheet HTML 9Page - Analog Devices ADF9010BCPZ Datasheet HTML 10Page - Analog Devices ADF9010BCPZ Datasheet HTML 11Page - Analog Devices ADF9010BCPZ Datasheet HTML 12Page - Analog Devices ADF9010BCPZ Datasheet HTML 13Page - Analog Devices ADF9010BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADF9010
Rev. 0 | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
–40
–60
–80
–100
–120
–140
–160
1k
100M
10k
100k
1M
10M
FREQUENCY (Hz)
900MHz LO
10MHz REFIN
1MHz PFD
INTEGRATED PHASE ERROR: 0.75 rms
Figure 4. LO Phase Noise (900 MHz, Including Open-Loop VCO Noise)
10
9
8
7
6
5
4
3
2
1
0
840 850
880
910
LO FREQUENCY (MHz)
860
890
920
870
900
930 940 950 960
–40°C 3.15V POUT
–40°C 3.3V POUT
–40°C 3.45V POUT
+25°C 3.15V POUT
+25°C 3.3V POUT
+25°C 3.45V POUT
+85°C 3.15V POUT
+85°C 3.3V POUT
+85°C 3.45V POUT
Figure 5. Single Sideband Tx Power Output (dBm) vs. LO frequency (Hz) with
Supply and Temperature Variations; Outputs Combined in 50:100 Balun
20
15
10
5
0
–5
–10
–15
–10
–5
0
10
20
PIN (dBm)
515
–40°C 3.15V POUT
–40°C 3.3V POUT
–40°C 3.45V POUT
+25°C 3.15V POUT
+25°C 3.3V POUT
+25°C 3.45V POUT
+85°C 3.15V POUT
+85°C 3.3V POUT
+85°C 3.45V POUT
IDEAL
Figure 6. Power Output vs. Baseband Input Power with Supply and
Temperature Variations
28
27
26
25
24
23
22
21
20
19
18
840 850
880
910
LO FREQUENCY (MHz)
860
890
920
870
900
930 940 950 960
–40°C 3.15V OIP3
–40°C 3.3V OIP3
–40°C 3.45V OIP3
+85°C 3.15V OIP3
+85°C 3.3V OIP3
+85°C 3.45V OIP3
+25°C 3.15V OIP3
+25°C 3.3V OIP3
+25°C 3.45V OIP3
Figure 7. Output IP3 (dBm) vs. LO Frequency (Hz), with Supply and
Temperature Variations; Two-Tone Test (10 MHz and 12 MHz Baseband
Input Frequencies)
0
–10
–20
–30
–40
–50
–60
–70
–80
LO FREQUENCY (MHz)
–40°C 3.15V SBS
–40°C 3.3V SBS
–40°C 3.45V SBS
+85°C 3.15V SBS
+85°C 3.3V SBS
+85°C 3.45V SBS
+25°C 3.15V SBS
+25°C 3.3V SBS
+25°C 3.45V SBS
840 850
880
910
860
890
920
870
900
930 940 950 960
Figure 8. Unwanted Sideband Suppression (dBc) vs. LO Frequency (Hz) with
Supply and Temperature Variations
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.2
1.0
1.8
2.6
3.4
DIFFERENTIAL INPUT VOLTAGE (V)
3.0
0.6
1.4
2.2
25°C 3.3V POUT (dBm)
25°C 3.3V SBS (dBc)
25°C 3.3V LOFT (dBc)
25°C 3.3V HD2 (dBm)
25°C 3.3V HD3 (dBm)
Figure 9. Second- and Third-Order Distortion, Sideband Suppression (dBc),
Carrier Feedthrough (dBm) and SBS POUT vs. Baseband Differential Input
Level; LO Frequency = 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com