Electronic Components Datasheet Search
  English  ▼

X  

ADF9010BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADF9010BCPZ
Description  900 MHz ISM Band Analog RF Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF9010BCPZ Datasheet HTML 15Page - Analog Devices ADF9010BCPZ Datasheet HTML 16Page - Analog Devices ADF9010BCPZ Datasheet HTML 17Page - Analog Devices ADF9010BCPZ Datasheet HTML 18Page - Analog Devices ADF9010BCPZ Datasheet HTML 19Page - Analog Devices ADF9010BCPZ Datasheet HTML 20Page - Analog Devices ADF9010BCPZ Datasheet HTML 21Page - Analog Devices ADF9010BCPZ Datasheet HTML 22Page - Analog Devices ADF9010BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADF9010
Rev. 0 | Page 19 of 28
C2 (1) C2 (0)
A1
A2
A3
A4
A5
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
5-BIT A COUNTER
13-BIT B COUNTER
PRESCALER
G1
P2
P1
M1
DB2
DB1
DB0
DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB21
DB22
DB23
CONTROL
BITS
X = DON’T CARE
CP GAIN
OPERATION
0
USE THE PROGRAMMED CHARGE PUMP
CURRENT SETTING FROM CONTROL REGISTER
1
USE THE MAXIMUM CHARGE PUMP CURRENT
SETTING
B12
B12
B11
B3
B2
B1
B COUNTER DIVIDE RATIO
0
0
0
..........
0
0
0
NOT ALLOWED
0
0
0
..........
0
0
1
NOT ALLOWED
0
0
0
..........
0
1
0
NOT ALLOWED
0
0
0
..........
0
1
1
3
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
1
1
1
..........
1
0
0
8188
1
1
1
..........
1
0
1
8189
1
1
1
..........
1
1
0
8190
1
1
1
..........
1
1
1
8191
A5
..........
A2
A1
A COUNTER
DIVIDE RATIO
0
..........
0
0
0
0
..........
0
1
1
0
..........
1
0
2
0
..........
1
1
3
.
..........
.
.
.
.
..........
.
.
.
.
..........
.
.
.
1
..........
0
0
28
1
..........
0
1
29
1
..........
1
0
30
1
..........
1
1
31
N = BP + A, P IS THE PRESCALER VALUE SET IN THE FUNCTION LATCH.
B MUST BE GREATER THAN OR EQUAL TO A. FOR CONTINUOUSLY
ADJACENT VALUES OF (N × F REF) AT THE OUTPUT, NMIN IS (P2 – P).
P2
P1
PRESCALER VALUE
00
8/9
01
16/17
10
32/33
11
32/33
N DIV MUX
OPERATION
0
VCO FEEDBACK TO N DIVIDER.
1
MUX FEEDBACK TO N DIVIDER.
Figure 25. LO Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com