Electronic Components Datasheet Search
  English  ▼

X  

ADF9010BCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADF9010BCPZ
Description  900 MHz ISM Band Analog RF Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010BCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF9010BCPZ Datasheet HTML 14Page - Analog Devices ADF9010BCPZ Datasheet HTML 15Page - Analog Devices ADF9010BCPZ Datasheet HTML 16Page - Analog Devices ADF9010BCPZ Datasheet HTML 17Page - Analog Devices ADF9010BCPZ Datasheet HTML 18Page - Analog Devices ADF9010BCPZ Datasheet HTML 19Page - Analog Devices ADF9010BCPZ Datasheet HTML 20Page - Analog Devices ADF9010BCPZ Datasheet HTML 21Page - Analog Devices ADF9010BCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADF9010
Rev. 0 | Page 18 of 28
R13
BSC1
BSC2
T1
T2
T3
P2
P1
P3
BAND
SELECT
CLOCK
LO PHASE
SELECT
RC2
RC3
RC4
RC5
RC6
HP2
HP1
HP3
HP4
HP5
HP6
RC1
Rx CALIBRATION DIVIDER
HIGH-PASS FILTER BOOST
TIMEOUT COUNTER
C3 (1) C2 (0) C1 (1)
DB2
DB1
DB0
DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8 DB7
DB6
DB5
DB4
DB3
DB21
DB22
DB23
CONTROL
BITS
T3
T2
T1
OUTPUT
0
0
0
NORMALQUADRATURE
0
0
1
I TO BOTH
0
1
0
Q TO BOTH
0
1
1
EXTERNAL LO, QUADRATURE
1
X
X
ALL OFF
P3
P2
P1
OUTPUT
00
0
I OUT
00
1
Q OUT
01
0
IB OUT
01
1
QB OUT
1
X
X
ALL OFF
RC6
..........
RC2
RC1
CAL COUNTER
DIVIDE RATIO
0
..........
0
0
0
0
..........
0
1
1
0
..........
1
0
2
0
..........
1
1
3
.
..........
.
.
.
.
..........
.
.
.
.
..........
.
.
.
1
..........
0
0
60
1
..........
0
1
61
1
..........
1
0
62
1
..........
1
1
63
TIMEOUT
COUNTER
CYCLES
HP6
..........
HP2
HP1
0
..........
0
0
0
0
..........
0
1
1
0
..........
1
0
2
0
..........
1
1
3
.
..........
.
.
.
.
..........
.
.
.
.
..........
.
.
.
1
..........
0
0
60
1
..........
0
1
61
1
..........
1
0
62
1
..........
1
1
63
F5
Rx FILTER fC
CALIBRATION
0DISABLED
1
ENABLED
BSC2
BSC1
BAND SELECT CLOCK DIVIDER
0
0
NOT ALLOWED
0
1
NOT ALLOWED
1
0
NOT ALLOWED
11
8
THESE BITS ARE RESERVED AND SHOULD BE SET TO 1,1
X = DON’T
CARE
Tx MOD
LO PHASE
SELECT
Figure 24. Rx Calibration Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com