Electronic Components Datasheet Search
  English  ▼

X  

ADL5513 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5513
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513 Datasheet(HTML) 1 Page - Analog Devices

  ADL5513 Datasheet HTML 1Page - Analog Devices ADL5513 Datasheet HTML 2Page - Analog Devices ADL5513 Datasheet HTML 3Page - Analog Devices ADL5513 Datasheet HTML 4Page - Analog Devices ADL5513 Datasheet HTML 5Page - Analog Devices ADL5513 Datasheet HTML 6Page - Analog Devices ADL5513 Datasheet HTML 7Page - Analog Devices ADL5513 Datasheet HTML 8Page - Analog Devices ADL5513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1 MHz to 4 GHz, 80 dB
Logarithmic Detector/Controller
ADL5513
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Wide bandwidth: 1 MHz to 4 GHz
80 dB dynamic range (±3 dB)
Constant dynamic range over frequency
Stability over −40oC to +85oC temperature range: ±0.5 dB
Operating temperature range: −40oC to +125oC
Sensitivity: −70 dBm
Low noise measurement/controller output (VOUT)
Pulse response time: 21 ns/20 ns (fall/rise)
Single-supply operation: 2.7 V to 5.5 V @ 31 mA
Power-down feature: 1 mW @ 5 V
Small footprint LFCSP
Fabricated using high speed SiGe process
APPLICATIONS
RF transmitter power amplifier linearization and gain/power
control
Power monitoring in radio link transmitters
RSSI measurement in base stations, WLAN, WiMAX, RADAR
FUNCTIONAL BLOCK DIAGRAM
2
1
4
3
I
V
I
V
DET
DET
DET
DET
DET
SLOPE
CONTROL
GAIN
BIAS
BAND GAP
REFERENCE
12
11
10
9
13
14
15
16
8
7
6
5
ADL5513
VOUT
VSET
COMM
TADJ
INHI
INLO
VPOS
VPOS
NC
NC
CLPF
NC
NC
NC
NC
NC
Figure 1.
GENERAL DESCRIPTION
The ADL5513 is a demodulating logarithmic amplifier, capable
of accurately converting an RF input signal to a corresponding
decibel-scaled output. It employs the progressive compression
technique over a cascaded amplifier chain, each stage of which
is equipped with a detector cell. The device can be used in either
measurement or controller modes. The ADL5513 maintains
accurate log conformance for signals up to 4 GHz. The input
dynamic range is typically 80 dB (referred to 50 Ω) with errorless
than ±3 dB and 74 dB with error less than ±1 dB. The ADL5513
has 20 ns response time that enables RF burst detection to a
pulse rate of beyond 50 MHz. The device provides unprecedented
logarithmic intercept stability vs. ambient temperature conditions.
A supply of 2.7 V to 5.5 V is required to power the device. Current
consumption is 31 mA, and it decreases to 200 μA when the
device is disabled.
The ADL5513 can be configured to provide a control voltage to
a power amplifier or a measurement output from the VOUT pin.
Because the output can be used for controller applications,
special attention has been paid to minimize wideband noise. In
this mode, the setpoint control voltage is applied to the VSET pin.
The feedback loop through an RF amplifier is closed via VOUT,
the output of which regulates the amplifier output to a magni-
tude corresponding to VSET. The ADL5513 provides 0 V to
(VPOS − 0.1 V) output capability at the VOUT pin, suitable
for controller applications. As a measurement device, VOUT
is externally connected to VSET to produce an output voltage,
VOUT, that increases linear-in-dB with RF input signal amplitude.
The logarithmic slope is 21 mV/dB, determined by the VSET
interface. The intercept is −88 dBm (referred to 50 Ω, conti-
nuous wave input, 900 MHz) using the INHI input. These
parameters are very stable against supply and temperature
variations.
The ADL5513 is fabricated on a SiGe bipolar IC process and
is available in a 3 mm × 3 mm, 16-lead LFCSP package for the
−40°C to +125°C operating temperature range. A fully populated
evaluation board is available.


Similar Part No. - ADL5513

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
ADL5513 AD-ADL5513 Datasheet
123Kb / 3P
Extending the Dynamic Range of the ADL5513 Logarithmic Detector Using the AD8368 Variable Gain Amplifier
REV. 0
ADL5513 AD-ADL5513 Datasheet
1Mb / 25P
Logarithmic Detector/Controller
8/2017-Rev. 0 to Rev. A
ADL5513 AD-ADL5513 Datasheet
426Kb / 24P
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. F
ADL5513 AD-ADL5513 Datasheet
1Mb / 23P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
Rev. F
More results

Similar Description - ADL5513

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
1/06-Rev. 0 to Rev. A
logo
Hittite Microwave Corpo...
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC611 HITTITE-HMC611_10 Datasheet
586Kb / 12P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com