Electronic Components Datasheet Search
  English  ▼

X  

ADL5513 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5513
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5513 Datasheet HTML 19Page - Analog Devices ADL5513 Datasheet HTML 20Page - Analog Devices ADL5513 Datasheet HTML 21Page - Analog Devices ADL5513 Datasheet HTML 22Page - Analog Devices ADL5513 Datasheet HTML 23Page - Analog Devices ADL5513 Datasheet HTML 24Page - Analog Devices ADL5513 Datasheet HTML 25Page - Analog Devices ADL5513 Datasheet HTML 26Page - Analog Devices ADL5513 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADL5513
Rev. 0 | Page 23 of 28
EVALUATION BOARD
52.3
Ω
1
VPOS
2 INHI
3 INLO
4
VPOS
11
VSET
12
TADJ
VOUT
10
COMM
9
ADL5513
Z1
VPOS
GND
1k
Ω
47nF
C1
C4
C3
R11
0
Ω
R12
R2
R1
0
Ω
R4
R3
OPEN
RL
OPEN
CL
OPEN
R5
OPEN
R6
OPEN
R8
OPEN
R9
OPEN
0
Ω
R7
0
Ω
R10
0
Ω
47nF
C2
C6
C5
100pF
C7
1000pF
0.1µF
100pF
0.1µF
VPOS
VPOS
VSET
VOUT
VPOS
TADJ
TADJ
VOUT_ALT
EXT_PWDN_TADJ
RFIN
Figure 47. Evaluation Board Schematic
Figure 48. Component Side Layout
Figure 49. Component Side Silkscreen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com