Electronic Components Datasheet Search
  English  ▼

X  

ADL5513 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5513
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5513 Datasheet HTML 20Page - Analog Devices ADL5513 Datasheet HTML 21Page - Analog Devices ADL5513 Datasheet HTML 22Page - Analog Devices ADL5513 Datasheet HTML 23Page - Analog Devices ADL5513 Datasheet HTML 24Page - Analog Devices ADL5513 Datasheet HTML 25Page - Analog Devices ADL5513 Datasheet HTML 26Page - Analog Devices ADL5513 Datasheet HTML 27Page - Analog Devices ADL5513 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADL5513
Rev. 0 | Page 24 of 28
Table 5. Evaluation Board Configuration Options
Component
Function
Default Value
C1, C2, R1
Input interface.
The 52.3 Ω resistor in Position R1 combines with the internal input impedance of
the ADL5513 to give a broadband input impedance of about 50 Ω. C1 and C2 are
dc-blocking capacitors. A reactive impedance match can be implemented by
replacing R1 with an inductor and C1 and C2 with appropriately valued capacitors.
R1 = 52.3 Ω (Size 0402)
C1 = 47 nF (Size 0402)
C2 = 47 nF (Size 0402)
C3, C4, C5, C6,
R11, R12
Power supply decoupling.
The nominal supply decoupling consists of a 100 pF filter capacitor placed
physically close to the ADL5513 and a 0.1 µF capacitor placed nearer to the power
supply input pin. If additional isolation from the power supply is required, a small
resistance (R11 or R12) can be installed between the power supply and the
ADL5513.
C3 = 0.1 µF (Size 0402)
C4 = 100 pF (Size 0402)
C5 = 100 pF (Size 0402)
C6 = 0.1 µF (Size 0402)
R11 = 0 Ω (Size 0402)
R12 = 0 Ω (Size 0402)
C7
Filter capacitor.
The low-pass corner frequency of the circuit that drives the VOUT pin can be
lowered by placing a capacitor between CLPF and ground. Increasing this
capacitor increases the overall rise/fall time of the ADL5513 for pulsed input
signals.
C7 = 1000 pF (Size 0402)
R2, R3 R4, R5, R10, RL, CL
Output interface—measurement mode.
In measurement mode, a portion of the output voltage is fed back to the VSET pin via
R4. The magnitude of the slope of the V
OUT output voltage response can be
increased by reducing the portion of V
OUT that is fed back to VSET. R3 can be used
as a back-terminating resistor or as part of a single-pole, low-pass filter. If a
reduction in slope is desired, a voltage divider can be installed at the output using
R3 and RL.
R2 = open (Size 0402)
R3 = 1 kΩ (Size 0402)
R4 = 0 Ω (Size 0402)
R5 = open (Size 0402)
R10 = open (Size 0402)
RL = CL = open (Size 0402)
Output interface—controller mode.
In controller mode, the ADL5513 can control the gain of an external component.
To allow for this, remove the R4 resistor. A setpoint voltage is applied to Pin VSET.
The value of this setpoint voltage corresponds to the desired RF input signal level
applied to the ADL5513 RF input. A sample of the RF output signal from this variable
gain component is applied to the ADL5513 input by a directional coupler. The
voltage at the VOUT pin is applied to the gain control of the variable gain element.
The magnitude of the control voltage can optionally be reduced via a voltage
divider comprising R3 and RL, or a low-pass filter can be installed using R3 and CL.
R2 = open (Size 0402)
R3 = 1 kΩ (Size 0402)
R4 = open (Size 0402)
R5 = open (Size 0402)
R10 = 0 Ω (Size 0402)
RL = CL = open (Size 0402)
R6, R7, R8, R9
Temperature compensation interface.
A voltage source can be used to optimize the temperature performance for various
input frequencies. The pads for R8 and R9 can be used for a voltage divider from
the VPOS node to set the T
ADJ voltage at different frequencies. The ADL5513 can be
disabled by applying a voltage of V
POS − 0.3 V to this node.
R6 = open (Size 0402)
R7 = 0 Ω (Size 0402)
R8 = open (Size 0402)
R9 = open Ω (Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com