Electronic Components Datasheet Search
  English  ▼

X  

TLE2142-EP Datasheet(PDF) 6 Page - Texas Instruments

Part # TLE2142-EP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLE2142-EP Datasheet HTML 2Page - Texas Instruments TLE2142-EP Datasheet HTML 3Page - Texas Instruments TLE2142-EP Datasheet HTML 4Page - Texas Instruments TLE2142-EP Datasheet HTML 5Page - Texas Instruments TLE2142-EP Datasheet HTML 6Page - Texas Instruments TLE2142-EP Datasheet HTML 7Page - Texas Instruments TLE2142-EP Datasheet HTML 8Page - Texas Instruments TLE2142-EP Datasheet HTML 9Page - Texas Instruments TLE2142-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34830
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Plots are taken under conditions VCC = 4.0V, RFREQ = 9.0kΩ, RL =150Ω, TA = 27°C, unless otherwise noted.
Figure 4. Frequency Response Magnitude
Figure 5. -1dB Bandwidth vs. RFREQ (kΩ)
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions VCC = 3.0V to 5.5V, TA = -40°C to 85°C, RFREQ = 9.0kΩ, CIN = 0.1μs, RL =150Ω, CL
= 5.0pF. Typical values are at TA = 27°C, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Low Frequency Gain (@100kHz)
A
1.9
2.0
2.1
V/V
Small-signal 1.0 dB Bandwidth
RFREQ = 108kΩ
RFREQ = 9kΩ)
BW1SS
25
85
37
130
MHz
Differential Gain (3-step measurement, RFREQ = 108kΩ, f = 4.0MHz)
dG
-
0.3
1.0
%
Differential Phase (3-step measurement, RFREQ = 108kΩ, f = 4.0MHz)
d
θ
-
0.3
1.0
deg
Total Harmonic Distortion (VIN = 0.65V + 700mVP-P , 60MHz sine wave)
THD
-
0.65
-
%
DC Group Delay (at 100kHz)
tG
-
2.8
-
ns
Group Delay Deviation (f = 100kHz to 60 MHz)
ΔtG
-
0.5
-
ns
Slew Rate (VOUT = 2V step)
SR
-
450
-
V/
μs
Settling Time to 10% (VOUT = 2VPP)
tS
-
4.0
-
ns
Peak Signal to Noise Ratio (VOUT = 2.0Vp-p, f=100Hz to 200 MHz)
SNR
58
65
-
dB
Power Supply Rejection (Measured at 100kHz with 100mVpp sinewave ripple
on VCC.)
PSR
-
40
-
dB
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
0.1
1
10
100
1000
FREQUENCY (MHz)
RFREQ=9kΩ
RFREQ=108kΩ
FREQUENCY (MHz)
25
35
45
55
65
75
85
95
105
115
125
135
145
0
10
2030405060
708090
100
110
120
RFREQ, BANDWIDTH SETTING RESISTOR (k )
RFREQ, BANDWIDTH SETTING RESISTOR (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com