Electronic Components Datasheet Search
  English  ▼

X  

TLE2142-EP Datasheet(PDF) 9 Page - Texas Instruments

Part # TLE2142-EP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLE2142-EP Datasheet HTML 5Page - Texas Instruments TLE2142-EP Datasheet HTML 6Page - Texas Instruments TLE2142-EP Datasheet HTML 7Page - Texas Instruments TLE2142-EP Datasheet HTML 8Page - Texas Instruments TLE2142-EP Datasheet HTML 9Page - Texas Instruments TLE2142-EP Datasheet HTML 10Page - Texas Instruments TLE2142-EP Datasheet HTML 11Page - Texas Instruments TLE2142-EP Datasheet HTML 12Page - Texas Instruments TLE2142-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34830
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 18. Differential Gain (RFREQ = 108kΩ, measured
at 4.0MHz)
Figure 19. Differential Phase (RFREQ = 108kΩ, measured
at 4MHz)
Figure 20. Group Delay Response
Figure 21. DC PSR vs. Supply Voltage
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
01
23
45
6
STEPS FROM 0.3V TO 1V (140mV/STEP)
STEPS FROM 0.3 to 1.0V (140mV/STEP)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
01
23
4
5
6
STEPS FROM 0.3V TO 1V (140mV/STEP)
STEPS FROM 0.3 to 1.0V (140mV/STEP)
1
2
3
4
5
6
7
8
0.1
1
10
100
1000
Frequency (MHz)
RFREQ = 108kΩ
FREQUENCY (MHz)
-70
-60
-50
-40
-30
-20
-10
0
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
VCC, SUPPLY VOLTAGE (V)
RFREQ = 9kΩ
RFREQ = 108kΩ
VCC, SUPPLY VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com