Electronic Components Datasheet Search
  English  ▼

X  

TLE2142-EP Datasheet(PDF) 17 Page - Texas Instruments

Part # TLE2142-EP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142-EP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLE2142-EP Datasheet HTML 13Page - Texas Instruments TLE2142-EP Datasheet HTML 14Page - Texas Instruments TLE2142-EP Datasheet HTML 15Page - Texas Instruments TLE2142-EP Datasheet HTML 16Page - Texas Instruments TLE2142-EP Datasheet HTML 17Page - Texas Instruments TLE2142-EP Datasheet HTML 18Page - Texas Instruments TLE2142-EP Datasheet HTML 19Page - Texas Instruments TLE2142-EP Datasheet HTML 20Page - Texas Instruments TLE2142-EP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
34830
TYPICAL APPLICATIONS
PCB LAYOUT CONSIDERATIONS
The 34830 is a high-speed amplifier, and as such requires
careful attention to be paid to the way in which boards are laid
out, in order to guarantee best performance. All high-speed
layout techniques should be followed including the following
points.
1. Minimize all trace inductances by reducing trace
lengths. This is especially critical for the supply and
ground lines as well as for the output line. Boards with
multiple layers should have enough vias from the
ground plane to the chip ground connection to further
reduce inductance.
2. Make sure that a solid ground plane is available and
run all traces above it.
3. Avoid traces with 90 degree bends.
4. Use a 0.1μF bypass capacitor in series with a 4.7
Ω
resistor as close to the VCC and GND pins of the 34830
as possible. Include a 10μF bypass capacitor at the
location on the board where VCC and GND are
connected to the external world.
5. Try to refer all ground connections to the same point as
in a star ground configuration. Usually this point is the
middle point of the ground plane.
THERMAL CONSIDERATIONS
Make sure that the thermal dissipation ratings for the
34830 package are not violated in the application at hand.
The 34830 comes in a package with an exposed pad (EP).
The primary function of the EP is to serve as an effective way
to dissipate heat away from the inside of the package. Take
full advantage of this feature and connect the EP to a surface
or plane that can act as a heat sink. The EP is electrically
connected to ground. Make sure that the heat sink is also
connected to the same potential. If multiple heat generating
components are used in the application, distribute these
evenly throughout the board, so as not to create hot spots
with large temperature gradients that could violate power and
heat dissipation ratings.
POWER DISSIPATION
Care must be taken not to exceed the maximum die
junction temperature of the 34830. The die junction
temperature can be calculated through the formula:
Where PDISS is the average power dissipation of the
device which can be calculated as PDISS = VCC*(ICC +
VOUT(RMS)2/RLOAD).
EN
1
E-Switch
Switch SPDT
SPDT, EG1218
Y
VCC
1
2POL254 Phoenix
Connector
Termblock2_MKD
MKDSN1.5/2, 2 pin Terminal block 2 Diga-
key, 5.0mm, 90 deg wire to pin, Stock
number - 277-1236-ND
Y
Freescale does not assume liability, endorse, or warrant components from external manufacturers that are referenced in circuit drawings or
tables. While Freescale offers component recommendations in this configuration, it is the customer’s responsibility to validate their application.
Table 5. 34830 Bill of Material
Item
Qty
Part Description
Value/Rating
Part Number/Manufacturer
Install
TJ TA PDISS θJA
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com