Electronic Components Datasheet Search
  English  ▼

X  

ADV3203 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV3203
Description  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3203 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV3203 Datasheet HTML 7Page - Analog Devices ADV3203 Datasheet HTML 8Page - Analog Devices ADV3203 Datasheet HTML 9Page - Analog Devices ADV3203 Datasheet HTML 10Page - Analog Devices ADV3203 Datasheet HTML 11Page - Analog Devices ADV3203 Datasheet HTML 12Page - Analog Devices ADV3203 Datasheet HTML 13Page - Analog Devices ADV3203 Datasheet HTML 14Page - Analog Devices ADV3203 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADV3202/ADV3203
Rev. 0 | Page 11 of
–12
1
10
100
1k
FREQUENCY (MHz)
20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±2.5 V (ADV3202), VS = ±3.3 V (ADV3203) at TA = 25°C, RL = 150 Ω.
2
0
–2
–4
–6
–8
–10
INxx
OSDxx
Figure 5. ADV3202 Small Signal Frequency Response, 200 mV p-p
2
0
–2
–4
–6
–8
–10
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
0
2
4
6
8
10
1214
16
1820
TIME (ns)
INxx
OSDxx
Figure 8. ADV3202 Large Signal Pulse Response, 2 V p-p
600
400
200
0
–200
–400
–600
02
4
6
8
10
12
14
16
18
20
TIME (ns)
–12
1
10
100
1k
FREQUENCY (MHz)
INxx
OSDxx
Figure 6. ADV3202 Large Signal Frequency Response, 2 V p-p
0.12
0.08
0.04
0
–0.04
–0.08
RISING EDGE
–0.12
0
2
4
6
8
10
1214
16
1820
TIME (ns)
INxx
OSDxx
Figure 7. ADV3202 Small Signal Pulse Response, 200 mV p-p
FALLING EDGE
Figure 9. ADV3202 Slew Rate
0.05
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
INPUT DC OFFSET (V)
Figure 10. ADV3202 Differential Gain, Carrier Frequency = 3.58 MHz,
Subcarrier Amplitude = 300 mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com