Electronic Components Datasheet Search
  English  ▼

X  

ADV3203 Datasheet(PDF) 17 Page - Analog Devices

Part # ADV3203
Description  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3203 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV3203 Datasheet HTML 12Page - Analog Devices ADV3203 Datasheet HTML 13Page - Analog Devices ADV3203 Datasheet HTML 14Page - Analog Devices ADV3203 Datasheet HTML 15Page - Analog Devices ADV3203 Datasheet HTML 16Page - Analog Devices ADV3203 Datasheet HTML 17Page - Analog Devices ADV3203 Datasheet HTML 18Page - Analog Devices ADV3203 Datasheet HTML 19Page - Analog Devices ADV3203 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADV3202/ADV3203
Rev. 0 | Page 17 of 20
COMPLIANT TO JEDEC STANDARDS MS-026-BGA-HD
OUTLINE DIMENSIONS
0.15
0.10
0.05
0.08
COPLANARITY
0.20
0.15
0.09
1.45
1.40
1.35
7°
3.5°
0°
VIEW A
ROTATED 90° CCW
0.27
0.22
0.17
0.75
0.60
0.45
0.50
BSC
24.10
24.00 SQ
23.90
26.20
26.00 SQ
25.80
LEAD PITCH
TOP VIEW
(PINS DOWN)
BOTTOM VIEW
(PINS UP)
EXPOSED
PAD
1
44
1
44
45
89
88
45
88
132
89
132
176
133
176
133
PIN 1
1.60 MAX
1.00 REF
SEATING
PLANE
VIEW A
7.80
REF
21.50 REF
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 22. 176-Lead Low Profile Quad Flat Package, Exposed Pad [LQFP_EP]
(SW-176-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADV3202ASWZ1
−40°C to +85°C
176-Lead Low Profile Quad Flat Package, Exposed Pad [LQFP_EP]
SW-176-1
ADV3203ASWZ1
−40°C to +85°C
176-Lead Low Profile Quad Flat Package, Exposed Pad [LQFP_EP]
SW-176-1
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com