Electronic Components Datasheet Search
  English  ▼

X  

TPS62560DRVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62560DRVT
Description  2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62560DRVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62560DRVT Datasheet HTML 12Page - Texas Instruments TPS62560DRVT Datasheet HTML 13Page - Texas Instruments TPS62560DRVT Datasheet HTML 14Page - Texas Instruments TPS62560DRVT Datasheet HTML 15Page - Texas Instruments TPS62560DRVT Datasheet HTML 16Page - Texas Instruments TPS62560DRVT Datasheet HTML 17Page - Texas Instruments TPS62560DRVT Datasheet HTML 18Page - Texas Instruments TPS62560DRVT Datasheet HTML 19Page - Texas Instruments TPS62560DRVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
ENABLE
SOFT START
SHORT-CIRCUIT PROTECTION
THERMAL SHUTDOWN
TPS62560
TPS62561, TPS62562
SLVS815B – JANUARY 2008 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
The device is enabled by setting the EN terminal to high. During the start-up time tStart Up, the internal circuits are
settled and the soft-start circuit is activated. The EN input can be used to control power sequencing in a system
with various dc/dc converters. The EN terminal can be connected to the output of another converter, to drive the
EN terminal high to achieve a sequencing of the given supply rails. With EN = GND, the device enters shutdown
mode, in which all internal circuits are disabled. In fixed-output-voltage versions, the internal resistor divider
network is then disconnected from the FB terminal.
The TPS62560 has an internal soft-start circuit that controls the ramp-up of the output voltage. The output
voltage ramps up from 5% to 95% of its nominal value typically within 250
µs. This limits the inrush current into
the converter during ramp-up and prevents possible input voltage drops when a battery or high-impedance power
source is used. The soft-start circuit is enabled within the start-up time tStart Up.
The high-side and low-side MOSFET switches are short-circuit protected with maximum switch current = ILIMF.
The current in the switches is monitored by current-limit comparators. Once the current in the high-side MOSFET
switch exceeds the threshold of its current-limit comparator, it turns off and the low-side MOSFET switch is
activated to ramp down the current in the inductor and high-side MOSFET switch. The high-side MOSFET switch
can only turn on again after the current in the low-side MOSFET switch has decreased below the threshold of its
current-limit comparator.
As soon as the junction temperature, TJ, exceeds 140°C (typical), the device goes into thermal shutdown. In this
mode, the high-side and low-side MOSFETs are turned off. The device continues its operation when the junction
temperature falls below the thermal shutdown hysteresis.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62560 TPS62561 TPS62562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com