Electronic Components Datasheet Search
  English  ▼

X  

TPS62560DRVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62560DRVT
Description  2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62560DRVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62560DRVT Datasheet HTML 17Page - Texas Instruments TPS62560DRVT Datasheet HTML 18Page - Texas Instruments TPS62560DRVT Datasheet HTML 19Page - Texas Instruments TPS62560DRVT Datasheet HTML 20Page - Texas Instruments TPS62560DRVT Datasheet HTML 21Page - Texas Instruments TPS62560DRVT Datasheet HTML 22Page - Texas Instruments TPS62560DRVT Datasheet HTML 23Page - Texas Instruments TPS62560DRVT Datasheet HTML 24Page - Texas Instruments TPS62560DRVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
GND
C
OUT
V
OUT
V
IN
U
L
R1
C1
TPS62560
TPS62561, TPS62562
www.ti.com ........................................................................................................................................... SLVS815B – JANUARY 2008 – REVISED NOVEMBER 2008
Figure 33. Suggested Layout for Adjustable-Output-Voltage Version
As for all switching power supplies, the layout is an important step in the design. Proper function of the device
demands careful attention to PCB layout. Care must be taken in board layout to get the specified performance. If
the layout is not carefully done, the regulator could show poor line and/or load regulation and stability issues, as
well as EMI problems. It is critical to provide a low-inductance, low-impedance ground path. Therefore, use wide
and short traces for the main current paths. The input capacitor, inductor, and output capacitor should be placed
as close as possible to the IC terminals.
Connect the GND terminal of the device to the thermal-pad land of the PCB and use this pad as a star point. Use
a common power-GND node and a different node for the signal GND to minimize the effects of ground noise.
Connect these ground nodes together to the thermal-pad land (star point) underneath the IC. Keep the common
path to the GND terminal, which returns the small signal components and the high current of the output
capacitors, as short as possible to avoid ground noise. The FB line should be connected directly to the output
capacitor and routed away from noisy components and traces (e.g., the SW line).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS62560 TPS62561 TPS62562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com