Electronic Components Datasheet Search
  English  ▼

X  

TPS62560DRVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62560DRVT
Description  2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62560DRVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS62560DRVT Datasheet HTML 1Page - Texas Instruments TPS62560DRVT Datasheet HTML 2Page - Texas Instruments TPS62560DRVT Datasheet HTML 3Page - Texas Instruments TPS62560DRVT Datasheet HTML 4Page - Texas Instruments TPS62560DRVT Datasheet HTML 5Page - Texas Instruments TPS62560DRVT Datasheet HTML 6Page - Texas Instruments TPS62560DRVT Datasheet HTML 7Page - Texas Instruments TPS62560DRVT Datasheet HTML 8Page - Texas Instruments TPS62560DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS62560
TPS62561, TPS62562
SLVS815B – JANUARY 2008 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
PART
OUTPUT
PACKAGE
PACKAGE
TA
PACKAGE(3)
ORDERING
NUMBER(1)
VOLTAGE(2)
DESIGNATOR
MARKING
–40°C to 85°C
TPS62560
Adjustable
SON 2×2-6
DRV
TPS62560DRV
CEY
–40°C to 85°C
TPS62561
Adjustable
TSOT-23-5
DDC
TPS62561DDC
CVO
–40°C to 85°C
TPS62562
1.8-V fixed
SON 2×2-6
DRV
TPS62562DRV
NXT
(1)
The DRV (2-mm x 2-mm 6-terminal SON) and the DDC (TSOT-23-5) packages are available in tape on reel. Add R suffix to order
quantities of 3000 parts per reel and T suffix to order quantities with 250 parts per reel.
(2)
Contact TI for other fixed-output-voltage options.
(3)
For the most-current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Input voltage range(2)
–0.3 to 7
Voltage range at EN, MODE
–0.3 to VIN +0.3, ≤ 7
V
Voltage on SW
–0.3 to 7
Peak output current
Internally limited
A
HBM human-body model
2
kV
ESD rating(3)
CDM charged-device model
1
Machine model
200
V
TJ
Maximum operating junction
–40 to 125
°C
temperature
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal.
(3)
The human-body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each terminal. The machine model is a 200-pF
capacitor discharged directly into each terminal.
PACKAGE
RθJA
POWER RATING FOR TA ≤ 25°C
DERATING FACTOR ABOVE TA = 25°C
DRV
76°C/W
1300 mW
13 mW/°C
DDC
250°C/W
400 mW
4 mW/°C
MIN
NOM
MAX
UNIT
VIN
Supply voltage
2.5
5.5
V
Output voltage range for adjustable voltage
0.85
VIN
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62560 TPS62561 TPS62562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com