Electronic Components Datasheet Search
  English  ▼

X  

TPS65950 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65950
Description  Integrated Power Management/Audio Codec Silicon Revision 1.0
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65950 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TPS65950 Datasheet HTML 91Page - Texas Instruments TPS65950 Datasheet HTML 92Page - Texas Instruments TPS65950 Datasheet HTML 93Page - Texas Instruments TPS65950 Datasheet HTML 94Page - Texas Instruments TPS65950 Datasheet HTML 95Page - Texas Instruments TPS65950 Datasheet HTML 96Page - Texas Instruments TPS65950 Datasheet HTML 97Page - Texas Instruments TPS65950 Datasheet HTML 98Page - Texas Instruments TPS65950 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 166 page
background image
6.2.10 Digital Voice Filter Module
A/Doutput
Voiceinterface
SINCfilter
integrator
SINCfilter
differentiator
Low-pass
filter
High-pass
filter
Error
cancellation
032-043
6.2.10.1 Voice Uplink Filter (Sampling Frequency at 8 kHz)
VoiceUplink(TX)Filter8kHz
–10
–8
–6
–4
–2
0
2
0
100
200
300
400
500
600
Frequency(Hz)
1storderHPF
Specification
3rdorderHPF
032-044
TPS65950
Integrated Power Management/Audio Codec
www.ti.com
SWCS032A – OCTOBER 2008 – REVISED DECEMBER 2008
Figure 6-30 shows the digital voice filter uplink full path characteristics of the voice interface.
Figure 6-30. Digital Audio Filter Uplink Path Characteristics
The global HPF or only the third-order HPF can be bypassed (when the third-order HPF is skipped, the
first-order HPF remains active). It is controlled by the MISC_SET_2 VTX_3RD_HPF_BYP bit, address
0x49, the for the third-order HPF, and by the VTX_HPF_BYP bit for the global HPF.
Figure 6-31 and Figure 6-32 show the voice uplink frequency response with a sampling frequency of 8
kHz.
Figure 6-31. Voice Uplink Frequency Response With FS = 8 kHz (Frequency Range 0 to 600 Hz)
Submit Documentation Feedback
Audio/Voice Module
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com