Electronic Components Datasheet Search
  English  ▼

X  

TPS65950 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65950
Description  Integrated Power Management/Audio Codec Silicon Revision 1.0
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65950 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65950 Datasheet HTML 1Page - Texas Instruments TPS65950 Datasheet HTML 2Page - Texas Instruments TPS65950 Datasheet HTML 3Page - Texas Instruments TPS65950 Datasheet HTML 4Page - Texas Instruments TPS65950 Datasheet HTML 5Page - Texas Instruments TPS65950 Datasheet HTML 6Page - Texas Instruments TPS65950 Datasheet HTML 7Page - Texas Instruments TPS65950 Datasheet HTML 8Page - Texas Instruments TPS65950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 166 page
background image
TPS65950
Integrated Power Management/Audio Codec
www.ti.com
SWCS032A – OCTOBER 2008 – REVISED DECEMBER 2008
4.5.3.3
OMAP3 Power-On Sequence
....................................................................... 63
4.5.4
Power-Off Sequence
............................................................................................ 63
4.5.4.1
Power-Off Sequence in Master Modes
............................................................ 64
5
Real-Time Clock and Embedded Power Controller
................................................................. 65
5.1
RTC
.......................................................................................................................... 65
5.1.1
Backup Battery
................................................................................................... 65
5.2
EPC
.......................................................................................................................... 65
6
Audio/Voice Module
............................................................................................................ 66
6.1
Audio/Voice Downlink (RX) Module
...................................................................................... 67
6.1.1
Earphone Output
................................................................................................ 67
6.1.1.1
Earphone Output Characteristics
.................................................................. 67
6.1.1.2
External Components and Application Schematic
............................................... 68
6.1.2
8-
Ω Stereo Hands-Free ........................................................................................ 68
6.1.2.1
8-
Ω Stereo Hands-Free Output Characteristics .................................................. 68
6.1.2.2
External Components and Application Schematic
............................................... 69
6.1.3
Headset
........................................................................................................... 70
6.1.3.1
Headset Output Characteristics
..................................................................... 70
6.1.3.2
External Components and Application Schematic
............................................... 71
6.1.4
Headset Pop-Noise Attenuation
............................................................................... 75
6.1.5
Predriver for External Class-D Amplifier
...................................................................... 76
6.1.5.1
Predriver Output Characteristics
.................................................................... 76
6.1.5.2
External Components and Application Schematic
............................................... 77
6.1.6
Vibrator H-Bridge
................................................................................................ 77
6.1.6.1
Vibrator H-Bridge Output Characteristics
.......................................................... 77
6.1.6.2
External Components and Application Schematic
............................................... 78
6.1.7
Carkit Output
..................................................................................................... 78
6.1.8
Digital Audio Filter Module
..................................................................................... 79
6.1.9
Digital Voice Filter Module
..................................................................................... 80
6.1.9.1
Voice Downlink Filter (Sampling Frequency at 8 kHz)
........................................... 80
6.1.9.2
Voice Downlink Filter (Sampling Frequency at 16 kHz)
......................................... 81
6.1.10
Boost Stage
..................................................................................................... 82
6.2
Audio/Voice Uplink (TX) Module
......................................................................................... 83
6.2.1
Microphone Bias Module
....................................................................................... 83
6.2.1.1
Analog Microphone Bias Module Characteristics
................................................ 85
6.2.1.2
External Components and Application Schematic
............................................... 86
6.2.1.3
Digital Microphone Bias Module Characteristics
................................................. 88
6.2.1.4
Silicon Microphone Characteristics
................................................................. 89
6.2.2
Stereo Differential Input
......................................................................................... 90
6.2.3
Headset Differential Input
...................................................................................... 90
6.2.4
FM Radio/Auxiliary Stereo Input
............................................................................... 91
6.2.4.1
External Components
................................................................................ 91
6.2.5
PDM Interface for Digital Microphones
....................................................................... 91
6.2.6
Uplink Characteristics
........................................................................................... 92
6.2.7
Microphone Amplification Stage
............................................................................... 93
6.2.8
Carkit Input
....................................................................................................... 93
6.2.9
Digital Audio Filter Module
..................................................................................... 94
6.2.10
Digital Voice Filter Module
..................................................................................... 95
6.2.10.1
Voice Uplink Filter (Sampling Frequency at 8 kHz)
............................................. 95
6.2.10.2
Voice Uplink Filter (Sampling Frequency at 16 kHz)
........................................... 97
7
USB HS 2.0 OTG Transceiver
............................................................................................... 99
7.1
USB Features
............................................................................................................... 99
7.2
USB Transceiver
.......................................................................................................... 100
Contents
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com