Electronic Components Datasheet Search
  English  ▼

X  

DS3514 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3514
Description  I2C Gamma and VCOM Buffer with EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3514 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3514 Datasheet HTML 1Page - Maxim Integrated Products DS3514 Datasheet HTML 2Page - Maxim Integrated Products DS3514 Datasheet HTML 3Page - Maxim Integrated Products DS3514 Datasheet HTML 4Page - Maxim Integrated Products DS3514 Datasheet HTML 5Page - Maxim Integrated Products DS3514 Datasheet HTML 6Page - Maxim Integrated Products DS3514 Datasheet HTML 7Page - Maxim Integrated Products DS3514 Datasheet HTML 8Page - Maxim Integrated Products DS3514 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
I2C Gamma and VCOM Buffer with EEPROM
________________________________________________________________
Maxim Integrated Products
1
Rev 1; 10/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The DS3514 is a programmable gamma and VCOM volt-
age generator that supports both real-time updating as
well as multibyte storage of gamma/VCOM data in on-
chip EEPROM memory. An independent 10-bit DAC, two
10-bit data registers, and four words of EEPROM memo-
ry are provided for each individually addressable
gamma or VCOM channel. High-performance buffer
amplifiers are integrated on-chip, providing rail-to-rail,
low-power (400µA/gamma channel) operation. The
VCOM channel features a high current drive (> 250mA
peak) and a fast-settling buffer amplifier optimized to
drive the VCOM node of a wide range of TFT-LCD panels.
Programming occurs through an I2C-compatible serial
interface. Interface performance and flexibility are
enhanced by a pair of independently loaded data latch-
es per channel, as well as support for I2C speeds up to
400kHz. The multitable EEPROM memory enables a
rich variety of display system enhancements, including
support for temperature or light-level dependent
gamma tables, enabling of factory or field automated
display adjustment, and support for backlight dimming
algorithms to reduce system power. Upon power-up
and depending on mode, DAC data is selected from
EEPROM by the S0/S1 pins or from a fixed memory
address.
Applications
TFT-LCD Gamma and VCOM Buffer
Adaptive Gamma and VCOM Adjustment (Real
Time by I2C, Select EEPROM Through I2C or
S0/S1 Pins)
Industrial Process Control
Features
♦ 10-Bit Gamma Buffers, 14 Channels
♦ 8-Bit VCOM Buffer, 1 Channel
♦ Four 10-Bit EEPROM Words per Channel
♦ Low-Power 400µA/ch Gamma Buffers
♦ I2C-Compatible Serial Interface
♦ Flexible Control from I2C or Pins
♦ 9.0V to 15.0V Analog Supply
♦ 2.7V to 5.5V Digital Supply
♦ 48-Pin TQFN Package (7mm x 7mm)
Gamma or VCOM Channel Functional Diagram
Ordering Information
EEPROM
SDA, SCL
* 10 BITS FOR GAMMA CHANNELS, 8 BITS FOR THE VCOM CHANNEL.
A0
S1/ S0
LD
IN
OUT
ADDRESS
I2C
INTERFACE
LATCH A
LATCH B
LOGIC
MUX
8-/
10-BIT*
DAC
VOUT
Pin Configuration and Typical Operating Circuit appear at
end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
DS3514T+
-45°C to +95°C
48 TQFN-EP*
DS3514T+T&R
-45°C to +95°C
48 TQFN-EP*
+
Denotes a lead-free/RoHS-compliant package.
T&R = Tape and reel.
*
EP = Exposed pad.


Similar Part No. - DS3514

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS351 BRIDGELUX-DS351 Datasheet
1Mb / 20P
Tunable White Gen 2 13mm Array, 90 CRI and ThriveTM
06/2026
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3510T+ MAXIM-DS3510T+ Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3510T+TR MAXIM-DS3510T+TR Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
More results

Similar Description - DS3514

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV.0
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
logo
Analog Devices
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
12-Channel Gamma Buffers with Vcom Buffer
REV.0
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Intersil Corporation
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com