Electronic Components Datasheet Search
  English  ▼

X  

DS3514 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS3514
Description  I2C Gamma and VCOM Buffer with EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3514 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS3514 Datasheet HTML 9Page - Maxim Integrated Products DS3514 Datasheet HTML 10Page - Maxim Integrated Products DS3514 Datasheet HTML 11Page - Maxim Integrated Products DS3514 Datasheet HTML 12Page - Maxim Integrated Products DS3514 Datasheet HTML 13Page - Maxim Integrated Products DS3514 Datasheet HTML 14Page - Maxim Integrated Products DS3514 Datasheet HTML 15Page - Maxim Integrated Products DS3514 Datasheet HTML 16Page - Maxim Integrated Products DS3514 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
or exceeds +150°C. In this state, the VCOM buffer is
disabled (output goes high impedance) until the junc-
tion temperature falls below +150°C.
Slave Address Byte and Address Pin
The slave address byte consists of a 7-bit slave
address plus a R/W bit (see Figure 5). The DS3514’s
slave address is determined by the state of the A0 pin.
This pin allows up to two devices to reside on the same
I2C bus. Connecting A0 to GND results in a 0 in the
corresponding bit position in the slave address.
Conversely, connecting A0 to VCC results in a 1 in the
corresponding bit position. For example, the DS3514’s
slave address byte is C0h when A0 is grounded. I2C
communication is described in detail in the
I2C Serial
Interface Description section.
ADDRESS
NAME
(HEX)
(DEC)
DESCRIPTION
TYPE
MEMORY
OR COMMAND
I2C
ACCESS
Latch A for VCOM Ch
0h
0
8-Bit I2C Data for VCOM DAC
Volatile
R/W
Latch A for GM1 Ch
2h, 3h
2, 3
10-Bit I2C Data for GM1 DAC
Volatile
R/W
Latch A for GM2 Ch
4h, 5h
4, 5
10-Bit I2C Data for GM2 DAC
Volatile
R/W
Latch A for GM3 Ch
6h, 7h
6, 7
10-Bit I2C Data for GM3 DAC
Volatile
R/W
Latch A for GM4 Ch
8h, 9h
8, 9
10-Bit I2C Data for GM4 DAC
Volatile
R/W
Latch A for GM5 Ch
Ah, Bh
10, 11
10-Bit I2C Data for GM5 DAC
Volatile
R/W
Latch A for GM6 Ch
Ch, Dh
12, 13
10-Bit I2C Data for GM6 DAC
Volatile
R/W
Latch A for GM7 Ch
Eh, Fh
14, 15
10-Bit I2C Data for GM7 DAC
Volatile
R/W
Latch A for GM8 Ch
10h, 11h
16, 17
10-Bit I2C Data for GM8 DAC
Volatile
R/W
Latch A for GM9 Ch
12h, 13h
18, 19
10-Bit I2C Data for GM9 DAC
Volatile
R/W
Latch A for GM10 Ch
14h, 15h
20, 21
10-Bit I2C Data for GM10 DAC
Volatile
R/W
Latch A for GM11 Ch
16h, 17h
22, 23
10-Bit I2C Data for GM11 DAC
Volatile
R/W
Latch A for GM12 Ch
18h, 19h
24, 25
10-Bit I2C Data for GM12 DAC
Volatile
R/W
Memory Map
1
1
0
0
R/W
A0
0
0
MSB
LSB
SLAVE ADDRESS*
*THE SLAVE ADDRESS IS DETERMINED BY ADDRESS PIN A0.
Figure 5. DS3514 Slave Address Byte
Memory Organization
Memory Description
The list of registers/memory contained in the DS3514 is
shown in the
Memory Map section. Also shown for
each of the registers is the memory type, accessibility,
as well as the power-up default values for volatile loca-
tions and factory-programmed defaults for the non-
volatile locations. Additional information regarding
reading and writing the memory is located in the
I2C
Serial Interface Description section.
I2C Gamma and VCOM Buffer with EEPROM
______________________________________________________________________________________
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com