Electronic Components Datasheet Search
  English  ▼

X  

DS3514 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS3514
Description  I2C Gamma and VCOM Buffer with EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3514 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS3514 Datasheet HTML 13Page - Maxim Integrated Products DS3514 Datasheet HTML 14Page - Maxim Integrated Products DS3514 Datasheet HTML 15Page - Maxim Integrated Products DS3514 Datasheet HTML 16Page - Maxim Integrated Products DS3514 Datasheet HTML 17Page - Maxim Integrated Products DS3514 Datasheet HTML 18Page - Maxim Integrated Products DS3514 Datasheet HTML 19Page - Maxim Integrated Products DS3514 Datasheet HTML 20Page - Maxim Integrated Products DS3514 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Applications Information
Power-Supply Decoupling
To achieve the best results when using the DS3514,
decouple all the power-supply pins (VCC and VDD) with
a 0.01µF or 0.1µF capacitor. Use a high-quality ceramic
surface-mount capacitor if possible. Surface-mount
components minimize lead inductance, which improves
performance, and ceramic capacitors tend to have
adequate high-frequency response for decoupling
applications.
SDA and SCL Pullup Resistors
SDA is an I/O with an open-collector output that
requires a pullup resistor to realize high-logic levels. A
master using either an open-collector output with a
pullup resistor or a push-pull output driver can be used
for SCL. Pullup resistor values should be chosen to
ensure that the rise and fall times listed in the
I2C
Electrical Characteristics are within specification. A typ-
ical value for the pullup resistors is 4.7k
Ω.
SLAVE
ADDRESS*
START
START
1
1
0
0
0
0
A0
R/W
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
MSB
LSB
MSB
LSB
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
READ/
WRITE
REGISTER ADDRESS
b7
b6
b5
b4
b3
b2
b1
b0
DATA
STOP
SINGLE-BYTE WRITE
-WRITE LATCH A
GM8 TO 00h
SINGLE-BYTE WRITE
-ENTER STANDBY MODE
SINGLE-BYTE READ
-READ LATCH A GM2
TWO-BYTE WRITE
- WRITE 10h AND 11h TO 80h
START
REPEATED
START
C1h
DATA
MASTER
NACK
STOP
1 1000000
00000 010
02h
11000 001
1 1000000
00001 000
C0h
08h
OOh
STOP
START 1 1000000
01000 001
C0h
41h
STOP
I/O STATUS
80h
EXAMPLE I2C TRANSACTIONS (WHEN A0 IS CONNECTED TO GND).
TYPICAL I2C WRITE TRANSACTION
*THE SLAVE ADDRESS IS DETERMINED BY ADDRESS PIN A0.
00 000 000
1 00 0 0 0 0 0
C0h
A)
C)
B)
D)
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
START 1 1000000
00010 000
C0h
10h
STOP
80h
1 00 0 0 0 0 0
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
80h
1 00 0 0 0 0 0
SLAVE
ACK
TWO-BYTE READ
- READ 10h AND 11h
E)
START 1 1000000
00010 000
C0h
10h
STOP
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
MASTER
ACK
C1h
DATA
DATA
1 10 0 0 0 0 1
MASTER
NACK
REPEATED
START
Figure 6. I2C Communication Examples
I2C Gamma and VCOM Buffer with EEPROM
______________________________________________________________________________________
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com