Electronic Components Datasheet Search
  English  ▼

X  

TS68230CP8 Datasheet(PDF) 49 Page - STMicroelectronics

Part # TS68230CP8
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230CP8 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TS68230CP8 Datasheet HTML 45Page - STMicroelectronics TS68230CP8 Datasheet HTML 46Page - STMicroelectronics TS68230CP8 Datasheet HTML 47Page - STMicroelectronics TS68230CP8 Datasheet HTML 48Page - STMicroelectronics TS68230CP8 Datasheet HTML 49Page - STMicroelectronics TS68230CP8 Datasheet HTML 50Page - STMicroelectronics TS68230CP8 Datasheet HTML 51Page - STMicroelectronics TS68230CP8 Datasheet HTML 52Page - STMicroelectronics TS68230CP8 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
6.4 DC ELECTRICAL CHARACTERISTICS (VCC = 5.0Vdc ± 5%, TA =TL to TH unless otherwise noted)
Symbol
Parameter
Min.
Max.
Unit
VIH
Input High Voltage
All Inputs
VSS + 2.0
VCC
V
VIL
Input Low Voltage
All Inputs
VSS – 0.3
VSS + 0.8
V
IIN
Input Leakage Current (VIN = 0 to 5.25V)
H1, H3, R/W, RESET,
CLK, RS1-RS5, CS
10.0
µA
ITSI
Hi-Z Input Current (VIN = 0.4 to 2.4)
D0-D7 DTACK, PC0-PC7,
H2, H4, PA0-PA7, PB0-PB7
– 0.1
20
– 1.0
µA
mA
VOH
Output High Voltage
(ILoad = – 400
µA, VCC = min)
(ILoad = – 150
µA, VCC = min)
(ILoad = – 100
µA, VCC = min)
DTACK, D0-D7
H2, H4, PB0-PB7, PA0-PA7
PC0-PC7
VSS + 2.4
V
VOL
Output Low Voltage
(ILoad = 8.8mA, VCC = min)
(ILoad = 5.3mA, VCC = min)
(ILoad = 2.4mA, VCC = min)
PC3/TOUT, PC5/PIRQ
D0-D7, DTACK
PA0-PA7, PB0-PB7, H2, H4,
PC0-PC2, PC4, PC6, PC7
0.5
V
PINT
Internal Power Dissipation (measured at T A =0
°C)
750
mW
CIN
Input Capacitance (Vin =0, T A =25
°C, f = 1MHz)
15
pF
6.5 AC ELECTRICAL SPECIFICATIONS – CLOCK TIMING (see figure 6.1)
8 MHz
1 0 MHz
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
f
Frequency of Operation
2.0
8.0
2.0
10.0
MHz
tcyc
Cycle Time
125
500
100
500
ns
tCL
tCH
Clock Pulse Width
55
55
250
250
45
45
250
250
ns
tCr
tCf
Rise and Fall Times
10
10
10
10
ns
Figure 6.1 : Clock Input Timing Diagram.
TS68230
49/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com