Electronic Components Datasheet Search
  English  ▼

X  

MAX1321 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1321
Description  8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1321 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1321 Datasheet HTML 1Page - Maxim Integrated Products MAX1321 Datasheet HTML 2Page - Maxim Integrated Products MAX1321 Datasheet HTML 3Page - Maxim Integrated Products MAX1321 Datasheet HTML 4Page - Maxim Integrated Products MAX1321 Datasheet HTML 5Page - Maxim Integrated Products MAX1321 Datasheet HTML 6Page - Maxim Integrated Products MAX1321 Datasheet HTML 7Page - Maxim Integrated Products MAX1321 Datasheet HTML 8Page - Maxim Integrated Products MAX1321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
General Description
The MAX1316–MAX1318/MAX1320–MAX1322/MAX1324–
MAX1326 14-bit, analog-to-digital converters (ADCs) offer
two, four, or eight independent input channels.
Independent track/hold (T/H) circuitry provides simultane-
ous sampling for each channel. The MAX1316/
MAX1317/MAX1318 have a 0 to +5V input range with
±6.0V fault-tolerant inputs. The MAX1320/MAX1321/
MAX1322 have a ±5V input range with ±16.5V fault-toler-
ant inputs. The MAX1324/MAX1325/MAX1326 have a
±10V input range with ±16.5V fault-tolerant inputs. These
ADCs convert two channels in 2µs, and up to eight chan-
nels in 3.8µs, and have an 8-channel throughput of
250ksps per channel. Other features include a 10MHz
T/H input bandwidth, internal clock, internal (+2.5V) or
external (+2.0V to +3.0V) reference, and power-
saving modes.
A 16.6MHz, 14-bit, bidirectional, parallel interface pro-
vides the conversion results and accepts digital config-
uration inputs.
These devices operate from a +4.75V to +5.25V analog
supply and a separate +2.7V to +5.25V digital supply,
and consume less than 50mA total supply current.
These devices come in a 48-pin LQFP package and oper-
ate over the extended -40°C to +85°C temperature range.
Applications
Multiphase Motor Control
Power-Grid Synchronization
Power-Factor Monitoring and Correction
Vibration and Waveform Analysis
Features
♦ 8-/4-/2-Channel, 14-Bit ADCs
±1.5 LSB INL, ±1 LSB DNL, No Missing Codes
90dBc SFDR, -86dBc THD, 76.5dB SINAD, 77dB
SNR at 100kHz Input
♦ On-Chip T/H Circuit for Each Channel
10ns Aperture Delay
50ps Channel-to-Channel T/H Matching
♦ Fast Conversion Time
One Channel in 1.6µs
Two Channels in 1.9µs
Four Channels in 2.5µs
Eight Channels in 3.7µs
♦ High Throughput
526ksps/ch for One Channel
455ksps/ch for Two Channels
357ksps/ch for Four Channels
250ksps/ch for Eight Channels
♦ Flexible Input Ranges
0 to +5V (MAX1316/MAX1317/MAX1318)
±5V (MAX1320/MAX1321/MAX1322)
±10V (MAX1324/MAX1325/MAX1326)
♦ No Calibration Needed
♦ 14-Bit, High-Speed, Parallel Interface
♦ Internal or External Clock
♦ +2.5V Internal Reference or +2.0V to +3.0V
External Reference
♦ +5V Analog Supply, +3V to +5V Digital Supply
46mA Analog Supply Current (typ)
1.6mA Digital Supply Current (max)
Shutdown and Power-Saving Modes
♦ 48-Pin LQFP Package (7mm x 7mm Footprint)
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
Selector Guide
19-3157; Rev 4; 10/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations and Typical Operating Circuits appear at
end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX1316ECM
-40
°C to +85°C
48 LQFP
MAX1317ECM
-40
°C to +85°C
48 LQFP
MAX1318ECM
-40
°C to +85°C
48 LQFP
MAX1320ECM
-40
°C to +85°C
48 LQFP
MAX1321ECM
-40
°C to +85°C
48 LQFP
MAX1322ECM
-40
°C to +85°C
48 LQFP
MAX1324ECM
-40
°C to +85°C
48 LQFP
MAX1325ECM
-40
°C to +85°C
48 LQFP
MAX1326ECM
-40
°C to +85°C
48 LQFP
PART
INPUT RANGE (V)
CHANNEL COUNT
MAX1316ECM
0 to +5
8
MAX1317ECM
0 to +5
4
MAX1318ECM
0 to +5
2
MAX1320ECM
±5
8
MAX1321ECM
±5
4
MAX1322ECM
±5
2
MAX1324ECM
±10
8
MAX1325ECM
±10
4
MAX1326ECM
±10
2


Similar Part No. - MAX1321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1321 MAXIM-MAX1321 Datasheet
255Kb / 27P
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1321ECM MAXIM-MAX1321ECM Datasheet
255Kb / 27P
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
More results

Similar Description - MAX1321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1316 MAXIM-MAX1316 Datasheet
255Kb / 27P
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1304 MAXIM-MAX1304_09 Datasheet
414Kb / 37P
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com