Electronic Components Datasheet Search
  English  ▼

X  

MAX1321 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1321
Description  8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1321 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1321 Datasheet HTML 1Page - Maxim Integrated Products MAX1321 Datasheet HTML 2Page - Maxim Integrated Products MAX1321 Datasheet HTML 3Page - Maxim Integrated Products MAX1321 Datasheet HTML 4Page - Maxim Integrated Products MAX1321 Datasheet HTML 5Page - Maxim Integrated Products MAX1321 Datasheet HTML 6Page - Maxim Integrated Products MAX1321 Datasheet HTML 7Page - Maxim Integrated Products MAX1321 Datasheet HTML 8Page - Maxim Integrated Products MAX1321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAVDD = +5V, VDVDD = +3V, VAGND = VDGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1µF, CREF+ =
CREF- = 0.1µF, CREF+-to-REF- = 2.2µF || 0.1µF, CCOM = 2.2µF || 0.1µF, CMSV = 2.2µF || 0.1µF (unipolar devices, MAX1316/
MAX1317/MAX1318), MSV = AGND (bipolar devices, MAX1320/MAX1321/MAX1322/MAX1324/MAX1325/MAX1326), fCLK = 10MHz,
50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX, unless otherwise noted. Typical val-
ues are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND .........................................................-0.3V to +6V
DVDD to DGND.........................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
CH0–CH7, I.C. to AGND (MAX1316/MAX1317/MAX1318)...±6.0V
CH0–CH7, I.C. to AGND (MAX1320/MAX1321/MAX1322).±16.5V
CH0–CH7, I.C. to AGND (MAX1324/MAX1325/MAX1326).±16.5V
INTCLK/EXTCLK to AGND .......................-0.3V to (AVDD + 0.3V)
EOC, EOLC, WR, RD, CS to DGND.........-0.3V to (DVDD + 0.3V)
CONVST, CLK, SHDN,
ALLON to DGND..................................-0.3V to (DVDD + 0.3V)
MSV, REFMS, REF to AGND.....................-0.3V to (AVDD + 0.3V)
REF+, COM, REF- to AGND.....................-0.3V to (AVDD + 0.3V)
D0–D13 to DGND ....................................-0.3V to (DVDD + 0.3V)
Maximum Current into Any Pin Except AVDD, DVDD,
AGND, DGND...............................................................±50mA
Continuous Power Dissipation
LQFP (derate 22.7mW/°C above +70°C) ...................1818mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE (Note 1)
Resolution
N
14
Bits
Integral Nonlinearity
INL
(Note 2)
±0.8
±2.0
LSB
Differential Nonlinearity
DNL
No missing codes (Note 2)
±0.5
±1
LSB
Unipolar devices
±40
Offset Error
Bipolar devices
±40
LSB
Unipolar devices
-4
Offset Drift
Bipolar devices
-4
ppm/
°C
Unipolar devices between all channels
35
80
Channel Offset Matching
Bipolar devices between all channels
25
60
LSB
Gain Error
(Note 3)
±8
±40
LSB
Channel Gain-Error Matching
Between all channels
25
LSB
Gain Temperature Coefficient
3
ppm/
°C
DYNAMIC PERFORMANCE (at fIN = 100kHz, -0.4dB FS)
Unipolar
74.5
76
Signal-to-Noise Ratio
SNR
Bipolar
75
76.5
dB
Unipolar
74.5
76
Signal-to-Noise and Distortion
Ratio
SINAD
Bipolar
75
76.5
dB
Spurious-Free Dynamic Range
SFDR
83
93
dBc
Total Harmonic Distortion
THD
-90
-83
dBc
Channel-to-Channel Isolation
83
dB
ANALOG INPUTS (CH0–CH7)
MAX1316/MAX1317/MAX1318
0
+5
MAX1320/MAX1321/MAX1322
-5
+5
Input Voltage Range
MAX1324/MAX1325/MAX1326
-10
+10
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com