Electronic Components Datasheet Search
  English  ▼

X  

MAX1321 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1321
Description  8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1321 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1321 Datasheet HTML 1Page - Maxim Integrated Products MAX1321 Datasheet HTML 2Page - Maxim Integrated Products MAX1321 Datasheet HTML 3Page - Maxim Integrated Products MAX1321 Datasheet HTML 4Page - Maxim Integrated Products MAX1321 Datasheet HTML 5Page - Maxim Integrated Products MAX1321 Datasheet HTML 6Page - Maxim Integrated Products MAX1321 Datasheet HTML 7Page - Maxim Integrated Products MAX1321 Datasheet HTML 8Page - Maxim Integrated Products MAX1321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
_______________________________________________________________________________________
5
Note 1:
For the MAX1316/MAX1317/MAX1318, VIN = 0 to +5V. For the MAX1320/MAX1321/MAX1322, VIN = -5V to +5V. For the
MAX1324/MAX1325/MAX1326, VIN = -10V to +10V.
Note 2:
All channel performance is guaranteed by correlation to a single channel test.
Note 3:
Offset nulled.
Note 4:
The analog input resistance is terminated to an internal bias point. Calculate the analog input current using:
for VCH within the input voltage range.
Note 5:
Throughput rate is given per channel. Throughput rate is a function of clock frequency (fCLK = 10MHz). See the Data
Throughput section for more information.
Note 6:
All analog inputs are driven with an FS 100kHz sine wave.
I
VV
R
CH
CH
BIAS
CH
_
_
_
=
−
TIMING CHARACTERISTICS (Figures 3, 4, 5, 6 and 7) (Tables 1, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Internal clock
1.6
1.8
µs
Time-to-First-Conversion Result
tCONV
External clock, Figure 6
16
Clock
cycles
Internal clock
0.3
0.36
µs
Time-to-Next-Conversion Result
tNEXT
External clock, Figure 6
3
Clock
cycles
CONVST Pulse-Width Low
(Acquisition Time)
tACQ
(Note 9)
0.16
100
µs
CS Pulse Width
t2
30
ns
RD Pulse-Width Low
t3
30
ns
RD Pulse-Width High
t4
30
ns
WR Pulse-Width Low
t5
30
ns
CS to WR
t6
(Note 10)
ns
WR to CS
t7
(Note 10)
ns
CS to RD
t8
(Note 10)
ns
RD to CS
t9
(Note 10)
ns
Data-Access Time
(RD Low to Valid Data)
t10
30
ns
Bus-Relinquish Time (RD High)
t11
30
ns
Internal clock
80
ns
EOC Pulse Width
t12
External clock, Figure 6
1
Clock
cycles
Input-Data Setup Time
t14
10
ns
Input-Data Hold Time
t15
10
ns
External-Clock Period
t16
0.08
10.00
µs
External-Clock High Period
t17
Logic sensitive to rising edges
20
ns
External-Clock Low Period
t18
Logic sensitive to rising edges
20
ns
External-Clock Frequency
(Note 11)
0.1
12.5
MHz
Internal-Clock Frequency
10
MHz
CONVST High to CLK Edge
t19
20
(Note 12)
ns
EOC Low to RD
t20
0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com