Electronic Components Datasheet Search
  English  ▼

X  

MAX11041 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11041
Description  Wired Remote Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11041 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11041 Datasheet HTML 1Page - Maxim Integrated Products MAX11041 Datasheet HTML 2Page - Maxim Integrated Products MAX11041 Datasheet HTML 3Page - Maxim Integrated Products MAX11041 Datasheet HTML 4Page - Maxim Integrated Products MAX11041 Datasheet HTML 5Page - Maxim Integrated Products MAX11041 Datasheet HTML 6Page - Maxim Integrated Products MAX11041 Datasheet HTML 7Page - Maxim Integrated Products MAX11041 Datasheet HTML 8Page - Maxim Integrated Products MAX11041 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX11041/MAX11042 wired remote controllers
convert up to six or 30 different pushbuttons into an I2C
register. Together with low-cost pushbutton switches
and 1% resistors, the MAX11041/MAX11042 are total
solutions over a single-wire interface. A wired remote
controller easily piggybacks to a standard 3.5mm
headphone jack using a fourth contact or one of the
audio signals.
To conserve battery life, the MAX11041/MAX11042
consume only 5µA (typ) while reading keypresses in
real time without microprocessor (µP) polling. The
devices send the debounced keypress along with key
duration to the application processor over the I2C inter-
face. An 8-word FIFO buffer records up to four key-
press events to allow plenty of time for the application
processor to respond to the MAX11041/MAX11042.
The MAX11041/MAX11042 include ±15kV ESD protec-
tion devices on the FORCE and SENSE inputs to ensure
IEC 61000-4-2 compliance without any external
ESD devices.
The MAX11041/MAX11042 are available in a 12-pin
TQFN package. The devices are specified over the
extended temperature range (-40°C to +85°C).
Applications
Features
♦ Detect Up to Six (MAX11042) or 30 (MAX11041)
Different Keys and Jack Insertion/Removal
♦ Work with Either 32Ω or 16Ω Headphones
♦ Add Remote-Control Functionality to Devices
Using a Simple Resistor and Switch Array
♦ Low-Power Operation Consuming a Supply
Current of Only 5µA (typ)
♦ Work with Standard 2.5mm or 3.5mm 4-Pin
Headphone Jacks
♦ Support Hold Function to Lockout Keys
♦ 100kHz/400kHz I2C Interface
♦ Single 1.6V to 3.6V Supply Voltage Range
♦ ±15kV ESD Protection (IEC 61000-4-2)
Wired Remote Controllers
________________________________________________________________
Maxim Integrated Products
1
19-3984; Rev 2; 11/08
For pricing delivery, and ordering information please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
12
11
10
4
5
6
12
VDD
3
98
7
FORCE
A0
A1
N.C.
MAX11041
MAX11042
INT
THIN QFN
(4mm x 4mm x 0.6mm)
+
TOP VIEW
EXPOSED PAD CONNECTED TO GND.
Pin Configuration
Ordering Information
*
EP = Exposed pad.
**
Future product—contact factory for availability.
+
Denotes a lead-free/RoHs-compliant package.
Multimedia Controls for
Multimedia-Enabled
Cell Phones
Keyboard Encoder for
Slider, Flip, and other
Cell Phones
Portable Media Players
MP3, CD, DVD Players
PDAs
Digital Still Cameras
PDA Accessory
Keyboards
Multimedia Desktop
Speakers
Portable Game
Consoles
PART
TEMP RANGE
PIN-PACKAGE
MAX11041ETC+
-40°C to +85°C
12 TQFN-EP*
MAX11042ETC+**
-40°C to +85°C
12 TQFN-EP*


Similar Part No. - MAX11041

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041 Datasheet
310Kb / 19P
Wired Remote Controllers
Rev 1; 8/07
MAX11041 MAXIM-MAX11041 Datasheet
226Kb / 17P
Wired Remote Controller
Rev 3; 1/10
MAX11041ETC MAXIM-MAX11041ETC Datasheet
226Kb / 17P
Wired Remote Controller
Rev 3; 1/10
MAX11041ETC+ MAXIM-MAX11041ETC+ Datasheet
310Kb / 19P
Wired Remote Controllers
Rev 1; 8/07
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
Wired Remote Controller
Rev 3; 1/10
More results

Similar Description - MAX11041

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1475M SANYO-LB1475M Datasheet
99Kb / 4P
2-Wire Type Wired Remote Controller
logo
Zilog, Inc.
Z86L88 ZILOG-Z86L88 Datasheet
76Kb / 11P
INFRARED REMOTE CONTROLLERS
Z86E73 ZILOG-Z86E73 Datasheet
127Kb / 19P
INFRARED REMOTE CONTROLLERS
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041 Datasheet
310Kb / 19P
Wired Remote Controllers
Rev 1; 8/07
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
Wired Remote Controller
Rev 3; 1/10
logo
Ningbo Foryard Optoelec...
FY-V300-DC12V FORYARD-FY-V300-DC12V Datasheet
207Kb / 5P
Wired RGB Controller
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
Digital Temperature Controllers/Digital Controllers
logo
Global Mixed-mode Techn...
G793 GMT-G793 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G7951 GMT-G7951 Datasheet
35Kb / 2P
Three Remote Temperature Sensors and One PWM Mode Fan Controllers with SMBus Serial Interface
logo
PHOENIX CONTACT
2730239 PHOENIX-2730239 Datasheet
53Kb / 3P
Fan module for Remote Field Controllers RFC 430 ETH-IB / RFC 450 ETH-IB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com