Electronic Components Datasheet Search
  English  ▼

X  

MAX11041 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11041
Description  Wired Remote Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11041 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11041 Datasheet HTML 7Page - Maxim Integrated Products MAX11041 Datasheet HTML 8Page - Maxim Integrated Products MAX11041 Datasheet HTML 9Page - Maxim Integrated Products MAX11041 Datasheet HTML 10Page - Maxim Integrated Products MAX11041 Datasheet HTML 11Page - Maxim Integrated Products MAX11041 Datasheet HTML 12Page - Maxim Integrated Products MAX11041 Datasheet HTML 13Page - Maxim Integrated Products MAX11041 Datasheet HTML 14Page - Maxim Integrated Products MAX11041 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Wired Remote Controllers
___________________________________________________________________________________
11
*
Values outside FIFO resistor code are considered invalid.
FIFO RESISTOR CODE*
KEY
STANDARD 1%
RESISTOR VALUE (
Ω)
LOWEST
HIGHEST
FUNCTION
0
0
0
1
Function 0
1
1470
11
13
Function 1
2
2550
19
21
Function 2
3
3740
27
30
Function 3
4
4990
35
38
Function 4
5
6340
42
46
Function 5
6
7680
50
53
Function 6
7
9310
58
62
Function 7
8
11000
66
70
Function 8
9
13000
74
78
Function 9
10
15000
82
86
Function 10
11
17400
90
94
Function 11
12
20000
98
102
Function 12
13
22600
105
110
Function 13
14
26100
114
119
Function 14
15
30100
123
127
Function 15
16
34000
130
135
Function 16
17
38300
137
142
Function 17
18
44200
146
150
Function 18
19
51100
154
159
Function 19
20
59000
162
166
Function 20
21
68100
170
174
Function 21
22
80600
178
182
Function 22
23
95300
186
190
Function 23
24
118000
194
198
Function 24
25
147000
202
206
Function 25
26
191000
211
214
Function 26
27
261000
218
222
Function 27
28
402000
226
229
Function 28
29
825000
235
237
Function 29
Jack inserted
619000
243
245
Jack inserted
Jack removed
∞
254
255
Jack removed
Table 4. Required Resistor Set for the MAX11041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com