Electronic Components Datasheet Search
  English  ▼

X  

MAX11041 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11041
Description  Wired Remote Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11041 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11041 Datasheet HTML 9Page - Maxim Integrated Products MAX11041 Datasheet HTML 10Page - Maxim Integrated Products MAX11041 Datasheet HTML 11Page - Maxim Integrated Products MAX11041 Datasheet HTML 12Page - Maxim Integrated Products MAX11041 Datasheet HTML 13Page - Maxim Integrated Products MAX11041 Datasheet HTML 14Page - Maxim Integrated Products MAX11041 Datasheet HTML 15Page - Maxim Integrated Products MAX11041 Datasheet HTML 16Page - Maxim Integrated Products MAX11041 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Order of Keypress Detection
Some applications require detection of the specific
sequence of keys in software by looking for unique key
presses within 32 ticks (1s). If the duration between
keypresses exceeds the allowed time, assume the key-
press is in error and return to the previous known state.
Power-Up Jack Detect and Keypress
Example
Figure 10 illustrates the FIFO entries during a typical
sequence of events.
Layout, Grounding, and Bypassing
Position RSENSE and CSENSE as close to the device as
possible. Bypass VDD with a 0.1µF capacitor to GND as
close to the device as possible. Connect GND to a
quiet analog ground plane. Route digital lines away
from SENSE and FORCE.
Wired Remote Controllers
___________________________________________________________________________________
13
Figure 9. Jack Insertion Detection
➂
➁
➀➃
KEY TYPE
JACK
REMOVED
JACK
DETECTED
FALSE
KEYS
TIME
TIME
VINT
1. JACK INSERTION DETECTED AND ENTERED IN FIFO.
2. JACK REMOVAL DETECTED AND ENTERED IN FIFO.
3. JACK INSERTION DETECTED AND ENTERED IN FIFO.
4. FIFO IS READ UNTIL EMPTY (
INT GOES HIGH).
THE LAST READ BEFORE THE EMPTY FIFO IS REACHED
IS THE FINAL STATE OF THE JACK DETECTION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com