Electronic Components Datasheet Search
  English  ▼

X  

GA210 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GA210
Description  Absolute encoders - parallel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GA210 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GA210 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GA210 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GA210 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GA210 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - parallel
www.baumerivo.com
2
GA210, GA211 - Parallel
Part number
GA210.
05
E-connection
B0 M23 connector, 16-pin axial
B1 M23 connector, 16-pin radial
11 Cable 1 m, axial
21 Cable 1 m, radial
Voltage supply / signals
10 10...30 VDC / gray code push-pull
12 10...30 VDC / binary code push-pull
Flange / Shaft
0 Clamping flange / ø10 mm IP 54
A Clamping flange / ø10 mm IP 65
GA211.
05
E-connection
B0 M23 connector, 16-pin axial
B1 M23 connector, 16-pin radial
11 Cable 1 m, axial
21 Cable 1 m, radial
Voltage supply / signals
10 10...30 VDC / gray code push-pull
12 10...30 VDC / binary code push-pull
Flange / Shaft
1 Synchro flange / ø6 mm IP 54
B Synchro flange / ø6 mm IP 65
Shaft with clamping or synchro flange
Singleturn encoder 10 bit, gray or binary
Accessories
Connectors and cables (page %S)
Z 131.001
Mating connector M23, 16-pin, less cable
Z 131.003
Mating connector M23, 16-pin, 2 m cable
Z 131.005
Mating connector M23, 16-pin, 5 m cable
Z 131.007
Mating connector M23, 16-pin, 10 m cable
Mounting accessories for GA210 - Parallel (page %S)
Z 119.013
Adaptor plate for clamping flange for
modification into synchro flange
Z 119.017
Mounting angle for clamping flange
Mounting accessories for GA211 - Parallel (page %S)
Z 119.006
Eccentric fixing, single
Z 119.015
Mounting adaptor for synchro flange
Z 119.035
Bearing flange for encoders with synchro
flange
Clamping flange
Synchro flange



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com