Electronic Components Datasheet Search
  English  ▼

X  

GA210 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GA210
Description  Absolute encoders - parallel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GA210 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GA210 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GA210 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GA210 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GA210 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Absolute encoders - parallel
1
www.baumerivo.com
www.baumerivo.com
GA210 with clamping flange
Features
Encoder singleturn / parallel
–
Optical sensing
–
Resolution: 10 bit
–
Clamping flange or synchro flange
–
Low-cost encoder
–
Short-circuit proof push-pull outputs
–
Output release by enable signal
–
Extreme compact design
–
Reset input
–
Technical data - electrical ratings
Voltage supply
10...30 VDC
Reverse polarity protection Yes
Consumption w/o load
≤60 mA (24 VDC)
Initializing time (typ.)
20 ms after power on
Interface
10 parallel outputs
Steps per turn
1024 / 10 bit
Absolute accuracy
±0.1°
Sensing method
Optical
Code
Gray or binary
Code sequence
CW/CCW coded by connection
Inputs
Control signals UP/DOWN and
zero
STORE
ENABLE
Output circuit
Push-pull short-circuit proof
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Approval
UL approval / E63076
GA210, GA211 - Parallel
Technical data - mechanical design
Housing
ø58 mm
Protection DIN EN 60529 IP 54 without shaft seal
IP 65 with shaft seal
Operating speed
≤10000 rpm (mechanical)
≤6000 rpm (electric)
Starting torque
≤0.015 Nm IP 54
≤0.03 Nm IP 65
Rotor moment of inertia
14.5 gcm²
Admitted shaft load
≤20 N axial
≤40 N radial
Materials
Housing: aluminium
Flange: aluminium
Operating temperature
-25...+85 °C
-40...+85 °C (optional)
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 200 g, 6 ms
Weight approx.
250 g
E-connection
Connector or cable
GA210 - Parallel
Shaft
ø10 mm
Flange
Clamping flange
GA211 - Parallel
Shaft
ø6 mm
Flange
Synchro flange
Shaft with clamping or synchro flange
Singleturn encoder 10 bit, gray or binary


Similar Part No. - GA210

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
GA2.2K3A1A TEC-GA2.2K3A1A Datasheet
100Kb / 4P
2.2K3A1 SERIES 1 THERMISTOR
08/2016
logo
Microsemi Corporation
GA200 MICROSEMI-GA200 Datasheet
140Kb / 3P
SCRs Nanosecond Switching, Planar
logo
Digitron Semiconductors
GA200 DIGITRON-GA200 Datasheet
173Kb / 4P
SILICON CONTROLLED RECTIFIER NANOSECOND SWITCHING PLANAR
logo
Microsemi Corporation
GA200A MICROSEMI-GA200A Datasheet
140Kb / 3P
SCRs Nanosecond Switching, Planar
logo
Digitron Semiconductors
GA200A DIGITRON-GA200A Datasheet
173Kb / 4P
SILICON CONTROLLED RECTIFIER NANOSECOND SWITCHING PLANAR
More results

Similar Description - GA210

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1S2B IVO-G1S2B Datasheet
637Kb / 4P
Absolute encoders - SSI
GA240.010C002 IVO-GA240.010C002 Datasheet
594Kb / 4P
Absolute encoders - parallel
GXA1W IVO-GXA1W Datasheet
600Kb / 4P
Absolute encoders - parallel
GXN1H IVO-GXN1H Datasheet
570Kb / 4P
Absolute encoders - parallel
GXN1W IVO-GXN1W Datasheet
594Kb / 4P
Absolute encoders - parallel
GXP1H IVO-GXP1H Datasheet
573Kb / 4P
Absolute encoders - parallel
GXP1W IVO-GXP1W Datasheet
594Kb / 4P
Absolute encoders - parallel
GXP2W IVO-GXP2W Datasheet
666Kb / 4P
Absolute encoders - SSI
RXA1H IVO-RXA1H Datasheet
569Kb / 4P
Absolute encoders - parallel
X700-SSI IVO-X700-SSI Datasheet
568Kb / 4P
Absolute encoders - SSI
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com