Electronic Components Datasheet Search
  English  ▼

X  

OPA659IDBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVT
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA659IDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA659IDBVT Datasheet HTML 2Page - Texas Instruments OPA659IDBVT Datasheet HTML 3Page - Texas Instruments OPA659IDBVT Datasheet HTML 4Page - Texas Instruments OPA659IDBVT Datasheet HTML 5Page - Texas Instruments OPA659IDBVT Datasheet HTML 6Page - Texas Instruments OPA659IDBVT Datasheet HTML 7Page - Texas Instruments OPA659IDBVT Datasheet HTML 8Page - Texas Instruments OPA659IDBVT Datasheet HTML 9Page - Texas Instruments OPA659IDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TYPICAL CHARACTERISTICS
4
2
0
2
4
6
8
10
12
14
16
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
G=+5V/V
G=+10V/V
G=+2V/V
G= +1V/V
V = 6.0V
R =100
V =200mV
S
L
O
PP
W
±
4
2
0
2
4
6
8
10
12
14
16
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
G=+5V/V
G=+10V/V
G=+2V/V
G= +1V/V
V = 6.0V
R =100
V =2V
S
L
O
PP
W
±
4
2
0
2
4
6
8
10
12
14
16
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
G=+5V/V
G=+10V/V
G=+2V/V
G= +1V/V
V = 6.0V
R =100
V =6V
S
L
O
PP
W
±
4
2
0
2
4
6
8
10
12
14
16
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
G= 5V/V
-
G= 10V/V
-
G= 2V/V
-
G= 1V/V
-
V = 6.0V
R =100
V =200mV
S
L
O
PP
W
±
4
2
0
2
4
6
8
10
12
14
16
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
G= 5V/V
-
G= 10V/V
-
G= 2V/V
-
G= 1V/V
-
V = 6.0V
R =100
V =2V
S
L
O
PP
W
±
4
2
0
2
4
6
8
10
12
14
16
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
G= 5V/V
-
G= 10V/V
-
G= 2V/V
-
G= 1V/V
-
V = 6.0V
R =100
V =6V
S
L
O
PP
W
±
OPA659
SBOS342 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
At VS = ±6V, RF = 0Ω, G = +1V/V, and RL = 100Ω, unless otherwise noted.
NONINVERTING SMALL-SIGNAL FREQUENCY RESPONSE
NONINVERTING LARGE-SIGNAL FREQUENCY RESPONSE
(VO = 200mVPP)
(VO = 2VPP)
Figure 1.
Figure 2.
NONINVERTING LARGE-SIGNAL FREQUENCY RESPONSE
INVERTING SMALL-SIGNAL FREQUENCY RESPONSE
(VO = 6VPP)
(VO = 200mVPP)
Figure 3.
Figure 4.
INVERTING LARGE-SIGNAL FREQUENCY RESPONSE
INVERTING LARGE-SIGNAL FREQUENCY RESPONSE
(VO = 2VPP)
(VO = 6VPP)
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com