Electronic Components Datasheet Search
  English  ▼

X  

OPA659IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVT
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA659IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA659IDBVT Datasheet HTML 5Page - Texas Instruments OPA659IDBVT Datasheet HTML 6Page - Texas Instruments OPA659IDBVT Datasheet HTML 7Page - Texas Instruments OPA659IDBVT Datasheet HTML 8Page - Texas Instruments OPA659IDBVT Datasheet HTML 9Page - Texas Instruments OPA659IDBVT Datasheet HTML 10Page - Texas Instruments OPA659IDBVT Datasheet HTML 11Page - Texas Instruments OPA659IDBVT Datasheet HTML 12Page - Texas Instruments OPA659IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
3
2
1
0
1
2
3
-
-
-
6
4
2
0
2
4
6
-
-
-
0
20
40
60
80
120
100
Time(ns)
V
IN
LeftScale
V
OUT
RightScale
V = 6.0V
R =100
Gain=+2V/V
S
L
W
±
-40
50
60
70
80
90
100
-
-
-
-
-
-
0
50
100
150
Frequency(MHz)
Second-Order
Third-Order
V = 6.0V
R =100
Gain=+2V/V
Two-Tone,1MHzSpacing
1V
EachTone
S
L
W
±
PP
3
2
1
0
1
2
3
-
-
-
6
4
2
0
2
4
6
-
-
-
0
20
40
60
80
120
100
Time(ns)
V
IN
LeftScale
V
OUT
RightScale
V = 6.0V
R =100
Gain= 2V/V
S
L
W
-
±
1000
100
10
1
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
6
Input-Referred
VoltageNoise
Input-Referred
CurrentNoise
80
70
60
50
40
30
20
10
0
100k
1M
10M
100M
Frequency(Hz)
+PSRR
-PSRR
CMRR
100
10
1
10
100
1000
CapacitiveLoad(pF)
OPA659
www.ti.com........................................................................................................................................................................................... SBOS342 – DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
At VS = ±6V, RF = 0Ω, G = +1V/V, and RL = 100Ω, unless otherwise noted.
TWO-TONE, SECOND- AND THIRD-ORDER IMD
vs FREQUENCY
OVERDRIVE RECOVERY (GAIN = +2V/V)
Figure 19.
Figure 20.
INPUT-REFERRED VOLTAGE AND CURRENT NOISE
OVERDRIVE RECOVERY (GAIN = –2V/V)
DENSITY
Figure 21.
Figure 22.
COMMON-MODE REJECTION RATIO AND
POWER-SUPPLY REJECTION RATIO
RECOMMENDED RISO
vs FREQUENCY
vs CAPACITIVE LOAD (RLOAD = 1kΩ)
Figure 23.
Figure 24.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com