Electronic Components Datasheet Search
  English  ▼

X  

OPA659IDBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVT
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA659IDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA659IDBVT Datasheet HTML 8Page - Texas Instruments OPA659IDBVT Datasheet HTML 9Page - Texas Instruments OPA659IDBVT Datasheet HTML 10Page - Texas Instruments OPA659IDBVT Datasheet HTML 11Page - Texas Instruments OPA659IDBVT Datasheet HTML 12Page - Texas Instruments OPA659IDBVT Datasheet HTML 13Page - Texas Instruments OPA659IDBVT Datasheet HTML 14Page - Texas Instruments OPA659IDBVT Datasheet HTML 15Page - Texas Instruments OPA659IDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
APPLICATION INFORMATION
Wideband, Noninverting Operation
OPA659
R
OUT
0.1 F
m
10 F
m
0.1 F
m
10 F
m
50
Load
W
50
Source
W
R
T
R
G
V
IN
V
OUT
R
F
+6V
-6V
OPA659
R
OUT
0.1 F
m
10 F
m
0.1 F
m
10 F
m
50
Load
W
50
Source
W
R
T
V
IN
V
OUT
+6V
-6V
OPA659
SBOS342 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
Voltage-feedback op amps can use a wide range of
resistor values to set the gain. To retain a controlled
The OPA659 is a very broadband, unity-gain stable,
frequency response for the noninverting voltage
voltage-feedback amplifier with a high impedance
amplifier of Figure 35, the parallel combination of RF
JFET-input stage. Its very high gain bandwidth
|| RG should always be less than 200Ω. In the
product (GBP) of 350MHz can be used to either
noninverting configuration, the parallel combination of
deliver high signal bandwidths for low-gain buffers, or
RF || RG forms a pole with the parasitic input and
to deliver broadband, low-noise, transimpedance
board layout capacitance at the inverting input of the
bandwidth to photodiode-detector applications. The
OPA659. For best performance, this pole should be
OPA659 is designed to to provide very low distortion
at
a
frequency
greater
than
the
closed-loop
and accurate pulse response with low overshoot and
bandwidth for the OPA659. For this reason, a direct
ringing. To achieve the full performance of the
short from the output to the inverting input is
OPA659, careful attention to printed circuit board
recommended for the unity-gain follower application.
(PCB) layout and component selection are required,
Table 1 lists several recommended resistor values for
as discussed in the remaining sections of this data
noninverting gains with a 50
Ω input/output match.
sheet.
Figure 34 shows the noninverting gain of +1 circuit;
Figure 35 shows the more general circuit used for
other noninverting gains. These circuits are used as
the basis for most of the noninverting gain Typical
Characteristics graphs. Most of the graphs were
characterized using signal sources with 50
Ω driving
impedance,
and
with
measurement
equipment
presenting a 50
Ω load impedance. In Figure 34, the
shunt resistor RT at VIN should be set to 50Ω to
match the source impedance of the test generator
and cable, while the series output resistor, ROUT, at
VOUT should also be set to 50Ω to provide matching
impedance for the measurement equipment load and
cable.
Generally,
data
sheet
voltage
swing
Figure 35. General Noninverting Test Circuit
specifications are measured at the output pin, VOUT,
in Figure 34 and Figure 35.
Table 1. Resistor Values for Noninverting Gains
with 50
Ω Input/Output Match
NONINVERTING
GAIN
RF
RG
RT
ROUT
+1
0
Open
49.9
49.9
+2
249
249
49.9
49.9
+5
249
61.9
49.9
49.9
+10
249
27.4
49.9
49.9
Figure 34. Noninverting Gain of +1 Test Circuit
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com