Electronic Components Datasheet Search
  English  ▼

X  

LPC2210 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2210 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button LPC2210 Datasheet HTML 42Page - NXP Semiconductors LPC2210 Datasheet HTML 43Page - NXP Semiconductors LPC2210 Datasheet HTML 44Page - NXP Semiconductors LPC2210 Datasheet HTML 45Page - NXP Semiconductors LPC2210 Datasheet HTML 46Page - NXP Semiconductors LPC2210 Datasheet HTML 47Page - NXP Semiconductors LPC2210 Datasheet HTML 48Page - NXP Semiconductors LPC2210 Datasheet HTML 49Page - NXP Semiconductors LPC2210 Datasheet HTML 50Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
LPC2210_2220_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 December 2008
48 of 50
NXP Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers
12. Revision history
Table 17.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
LPC2210_2220_6
20081211
Product data sheet
-
LPC2210_2220_5
Modifications:
• Figure 8 “External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)”: removed
figure note row “VDD = 1.8 V”, updated graphic and figure title.
• Table 11 “Static characteristics”: Vhys, moved 0.4 from Typ to Min column.
• Table 11 “Static characteristics”: modified Table note 8.
• Maximum frequency fosc for external oscillator and external crystal updated.
• Changed SOT569-1 to SOT569-2.
• Added overbar to indicate LOW-active for BLSn, CSn, OE, and WE.
LPC2210_2220_5
20071220
Product data sheet
-
LPC2210_2220_4
Modifications:
• LPC2210FBD144/01 added.
• New power consumption measurements for LPC2220 and LPC2210/01 included.
LPC2210_2220_4
20071002
Product data sheet
-
LPC2210_2220_3
LPC2210_2220_3
20070213
Product data sheet
-
LPC2210_2220_2
LPC2210_2220_2
20050530
Product data sheet
-
LPC2210-01
LPC2210-01
20040209
Preliminary data
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com