Electronic Components Datasheet Search
  English  ▼

X  

LPC2210 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2210 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2210 Datasheet HTML 7Page - NXP Semiconductors LPC2210 Datasheet HTML 8Page - NXP Semiconductors LPC2210 Datasheet HTML 9Page - NXP Semiconductors LPC2210 Datasheet HTML 10Page - NXP Semiconductors LPC2210 Datasheet HTML 11Page - NXP Semiconductors LPC2210 Datasheet HTML 12Page - NXP Semiconductors LPC2210 Datasheet HTML 13Page - NXP Semiconductors LPC2210 Datasheet HTML 14Page - NXP Semiconductors LPC2210 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
LPC2210_2220_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 December 2008
11 of 50
NXP Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers
P1.26/RTCK
52[5]
N6[5]
I/O
RTCK — Returned Test Clock output. Extra signal added to
the JTAG port. Assists debugger synchronization when
processor frequency varies. Bidirectional pin with internal
pull-up.
Note: LOW on this pin while RESET is LOW, enables pins
P1[31:26] to operate as Debug port after reset.
P1.27/TDO
144[5]
B2[5]
O
TDO — Test Data out for JTAG interface.
P1.28/TDI
140[5]
A3[5]
I
TDI — Test Data in for JTAG interface.
P1.29/TCK
126[5]
A7[5]
I
TCK — Test Clock for JTAG interface. This clock must be
slower than 1
⁄
6 of the CPU clock (CCLK) for the JTAG interface
to operate.
P1.30/TMS
113[5]
D10[5]
I
TMS — Test Mode Select for JTAG interface.
P1.31/TRST
43[5]
M4[5]
I
TRST — Test Reset for JTAG interface.
P2.0 to P2.31
I/O
Port 2 — Port 2 is a 32-bit bidirectional I/O port with individual
direction controls for each bit. The operation of port 2 pins
depends upon the pin function selected via the Pin Connect
Block.
P2.0/D0
98[5]
E12[5]
I/O
D0 — External memory data line 0.
P2.1/D1
105[5]
C12[5]
I/O
D1 — External memory data line 1.
P2.2/D2
106[5]
C11[5]
I/O
D2 — External memory data line 2.
P2.3/D3
108[5]
B12[5]
I/O
D3 — External memory data line 3.
P2.4/D4
109[5]
A13[5]
I/O
D4 — External memory data line 4.
P2.5/D5
114[5]
C10[5]
I/O
D5 — External memory data line 5.
P2.6/D6
115[5]
B10[5]
I/O
D6 — External memory data line 6.
P2.7/D7
116[5]
A10[5]
I/O
D7 — External memory data line 7.
P2.8/D8
117[5]
D9[5]
I/O
D8 — External memory data line 8.
P2.9/D9
118[5]
C9[5]
I/O
D9 — External memory data line 9.
P2.10/D10
120[5]
A9[5]
I/O
D10 — External memory data line 10.
P2.11/D11
124[5]
A8[5]
I/O
D11 — External memory data line 11.
P2.12/D12
125[5]
B7[5]
I/O
D12 — External memory data line 12.
P2.13/D13
127[5]
C7[5]
I/O
D13 — External memory data line 13.
P2.14/D14
129[5]
A6[5]
I/O
D14 — External memory data line 14.
P2.15/D15
130[5]
B6[5]
I/O
D15 — External memory data line 15.
P2.16/D16
131[5]
C6[5]
I/O
D16 — External memory data line 16.
P2.17/D17
132[5]
D6[5]
I/O
D17 — External memory data line 17.
P2.18/D18
133[5]
A5[5]
I/O
D18 — External memory data line 18.
P2.19/D19
134[5]
B5[5]
I/O
D19 — External memory data line 19.
P2.20/D20
136[5]
D5[5]
I/O
D20 — External memory data line 20.
P2.21/D21
137[5]
A4[5]
I/O
D21 — External memory data line 21.
P2.22/D22
1[5]
A1[5]
I/O
D22 — External memory data line 22.
P2.23/D23
10[5]
E3[5]
I/O
D23 — External memory data line 23.
P2.24/D24
11[5]
E2[5]
I/O
D24 — External memory data line 24.
P2.25/D25
12[5]
E1[5]
I/O
D25 — External memory data line 25.
Table 4.
Pin description …continued
Symbol
Pin (LQFP)
Pin (TFBGA) Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com