Electronic Components Datasheet Search
  English  ▼

X  

LPC2210 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2210 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2210 Datasheet HTML 5Page - NXP Semiconductors LPC2210 Datasheet HTML 6Page - NXP Semiconductors LPC2210 Datasheet HTML 7Page - NXP Semiconductors LPC2210 Datasheet HTML 8Page - NXP Semiconductors LPC2210 Datasheet HTML 9Page - NXP Semiconductors LPC2210 Datasheet HTML 10Page - NXP Semiconductors LPC2210 Datasheet HTML 11Page - NXP Semiconductors LPC2210 Datasheet HTML 12Page - NXP Semiconductors LPC2210 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
LPC2210_2220_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 December 2008
9 of 50
NXP Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers
P0.13/DTR1/
MAT1.1
85[1]
H10[1]
O
DTR1 — Data Terminal Ready output for UART1.
O
MAT1.1 — Match output for Timer 1, channel 1.
P0.14/DCD1/
EINT1
92[2]
G10[2]
I
DCD1 — Data Carrier Detect input for UART1.
I
EINT1 — External interrupt 1 input.
Note: LOW on this pin while RESET is LOW forces on-chip
bootloader to take over control of the part after reset.
P0.15/RI1/
EINT2
99[2]
E11[2]
I
RI1 — Ring Indicator input for UART1.
I
EINT2 — External interrupt 2 input.
P0.16/EINT0/
MAT0.2/CAP0.2
100[2]
E10[2]
I
EINT0 — External interrupt 0 input.
O
MAT0.2 — Match output for Timer 0, channel 2.
I
CAP0.2 — Capture input for Timer 0, channel 2.
P0.17/CAP1.2/
SCK1/MAT1.2
101[1]
D13[1]
I
CAP1.2 — Capture input for Timer 1, channel 2.
I/O
SCK1 — Serial Clock for SPI1/SSI/Microwire.
SPI/SSI/Microwire clock output from master or input to slave.
O
MAT1.2 — Match output for Timer 1, channel 2.
P0.18/CAP1.3/
MISO1/MAT1.3
121[1]
D8[1]
I
CAP1.3 — Capture input for Timer 1, channel 3.
I/O
MISO1 — Master In Slave Out for SPI1. Data input to SPI
master or data output from SPI slave.
O
MAT1.3 — Match output for Timer 1, channel 3.
P0.19/MAT1.2/
MOSI1/CAP1.2
122[1]
C8[1]
O
MAT1.2 — Match output for Timer 1, channel 2.
I/O
MOSI1 — Master Out Slave In for SPI1. Data output from SPI
master or data input to SPI slave.
• SPI interface: MOSI line.
• SSI: DX/RX line (SPI1 as a master/slave).
• Microwire: SO/SI line (SPI1 as a master/slave).
I
CAP1.2 — Capture input for Timer 1, channel 2.
P0.20/MAT1.3/
SSEL1/ EINT3
123[2]
B8[2]
O
MAT1.3 — Match output for Timer 1, channel 3.
I
SSEL1 — Slave Select for SPI1/Microwire. Used to select the
SPI or Microwire interface as a slave. Frame synchronization
in case of 4-wire SSI.
I
EINT3 — External interrupt 3 input.
P0.21/PWM5/
CAP1.3
4[1]
C1[1]
O
PWM5 — Pulse Width Modulator output 5.
I
CAP1.3 — Capture input for Timer 1, channel 3.
P0.22/CAP0.0/
MAT0.0
5[1]
D4[1]
I
CAP0.0 — Capture input for Timer 0, channel 0.
O
MAT0.0 — Match output for Timer 0, channel 0.
P0.23
6[1]
D3[1]
I/O
General purpose bidirectional digital port only.
P0.24
8[1]
D1[1]
I/O
General purpose bidirectional digital port only.
P0.25
21[1]
H1[1]
I/O
General purpose bidirectional digital port only.
P0.27/AIN0/
CAP0.1/MAT0.1
23[4]
H3[4]
I
AIN0 — ADC, input 0. This analog input is always connected
to its pin.
I
CAP0.1 — Capture input for Timer 0, channel 1.
O
MAT0.1 — Match output for Timer 0, channel 1.
Table 4.
Pin description …continued
Symbol
Pin (LQFP)
Pin (TFBGA) Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com