Electronic Components Datasheet Search
  English  ▼

X  

AT88SC016 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT88SC016
Description  CryptoCompanion Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC016 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT88SC016 Datasheet HTML 1Page - ATMEL Corporation AT88SC016 Datasheet HTML 2Page - ATMEL Corporation AT88SC016 Datasheet HTML 3Page - ATMEL Corporation AT88SC016 Datasheet HTML 4Page - ATMEL Corporation AT88SC016 Datasheet HTML 5Page - ATMEL Corporation AT88SC016 Datasheet HTML 6Page - ATMEL Corporation AT88SC016 Datasheet HTML 7Page - ATMEL Corporation AT88SC016 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CryptoCompanion
™ Chip
5277AS− CryptoCompanion −02/08
1.3.
Package, Pin Definition & IO
1.3.1. Pin Definition
1.3.1.1.
Vcc, Gnd
Power supply is 2.7 – 3.6V. Supply current less than 50mA.
CryptoCompanion will be available to accept commands 60ms after the later of Vcc rising above 2.7V or Reset being
driven high if CryptoCompanion is in a security delay then this interval is significantly longer.
During Power Up, Vcc must exhibit a monotonic ramp at a minimum rate of 50 mV/mS until Vcc has crossed the 2.7V
level. During Power Down, Vcc must exhibit a monotonic ramp at a minimum rate of 50 mV/mS once it has dropped
below the 2.5V boundary.
Vcc must be bypassed with high quality surface mount capacitors that are properly located on the board. Atmel
recommends two capacitors connected in parallel having a value of 1µF and 0.01µF. The capacitors should be
manufactured using X5R or X7R dielectric material. These capacitors should be connected to CryptoCompanion using
a total of no more than 1cm PC board traces. Atmel recommends the use of a ground plane and a trace length of less
than 0.5cm between the capacitors and the Vcc pin. Failure to follow these recommendations may result in improper
operation.
1.3.1.2.
SDA
Two wire interface data pin, 5V tolerant. Minimum data setup time = 0.1µs, and minimum data hold time = 0
µs min. The
system board must include an external pull-up resistor.
1.3.1.3.
SCL
Two wire interface clock pin, 5V tolerant. Maximum SCL rate is 400KHz, minimum TLOW = 1.2 s, minimum THIGH =
0.6
µs. The system board must include an external pull-up resistor.
1.3.1.4.
Reset (RST)
This active low input will reset all states within CryptoCompanion. Honored regardless of the state of PowerDown.
1.3.1.5.
PowerDown (PDN)
When held low, the part operates normally. When held high the part will go to sleep and ignore all transitions on SDA
and SCL, power consumption will drop to less than 10uA. There is a 50ms delay between this pin falling and the first
transition on SDA or SCL that will be accepted by the chip.
1.3.2. Package
CryptoCompanion is packaged in an 8 lead SOIC package with the following pin definition:
Table 1.
8 lead SOIC package pin definition
Pin Number
Pin Name
1
Vcc
5
Gnd
7
SDA
8
SCL
4
RST
3
PDN
2,6
NC
Pins 2 & 6 are NC and should be connected to ground on the PC board.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com