Electronic Components Datasheet Search
  English  ▼

X  

AT88SC016 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT88SC016
Description  CryptoCompanion Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC016 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT88SC016 Datasheet HTML 1Page - ATMEL Corporation AT88SC016 Datasheet HTML 2Page - ATMEL Corporation AT88SC016 Datasheet HTML 3Page - ATMEL Corporation AT88SC016 Datasheet HTML 4Page - ATMEL Corporation AT88SC016 Datasheet HTML 5Page - ATMEL Corporation AT88SC016 Datasheet HTML 6Page - ATMEL Corporation AT88SC016 Datasheet HTML 7Page - ATMEL Corporation AT88SC016 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CryptoCompanion
™ Chip
5277AS− CryptoCompanion −02/08
Table 3.
AC Characteristics
Applicable over recommended operating range from VCC = +2.7 to 3.3V,
TAC = -0
oC to 70oC, CL = 30pF (unless otherwise noted)
Symbol
Parameter
Min
Max
Units
fCLK
Clock Frequency
0
1
MHz
Clock Duty cycle
40
60
%
tR
Rise Time - SDA, RST
1
uS
tF
Fall Time - SDA, RST
1
uS
tR
Rise Time - SCL
9% x period
uS
tF
Fall Time - SCL
9% x period
uS
tAA
Clock Low to Data Out Valid
35
nS
tHD.STA
Start Hold Time
200
nS
tSU.STA
Start Set-up Time
200
nS
tHD.DAT
Data In Hold Time
10
nS
tSU.DAT
Data In Set-up Time
100
nS
tSU.STO
Stop Set-up Time
200
nS
tDH
Data Out Hold Time
20
nS
tWR
Write Cycle Time
5
mS
3. Transport Key
Certain operational modes of CryptoCompanion chip require knowledge of a key for proper custom configuration. When
applicable, Atmel shall program customer provided key values at the factory for production orders. For generic and
sample orders, this key, available as a transport key, shall be
0x17 0x44 0x1A 0x48 0xDA 0xDB 0x23 0xFB 0x70 0xCC 0xB8 0x43 0x09 0x20 0x59 0xEB
4. Ordering Codes
Table 4.
Ordering Code
Package
Voltage Range
Temperature Range
AT88SC016-SX
8S1
2.7V – 3.6V
Lead Free/Halogen Free, Commercial (0
0C – 700C)
Table 5.
Package Type
Description
8S1
8-lead, 0.150” Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com