Electronic Components Datasheet Search
  English  ▼

X  

AT88SC016 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT88SC016
Description  CryptoCompanion Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC016 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT88SC016 Datasheet HTML 1Page - ATMEL Corporation AT88SC016 Datasheet HTML 2Page - ATMEL Corporation AT88SC016 Datasheet HTML 3Page - ATMEL Corporation AT88SC016 Datasheet HTML 4Page - ATMEL Corporation AT88SC016 Datasheet HTML 5Page - ATMEL Corporation AT88SC016 Datasheet HTML 6Page - ATMEL Corporation AT88SC016 Datasheet HTML 7Page - ATMEL Corporation AT88SC016 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5277AS− CryptoCompanion −02/08
1.3.3. Environmental
CryptoCompanion is guaranteed to operate over the commercial temperature range of 0° to 70° C. ESD is rated at 3KV,
Human Body Model.
1.3.4. TWI Input/Output Operation
CryptoCompanion communicates to the system using a two wire interface (TWI), which is similar to SMBus. The chip
operates as a slave and does not support clock stretching. This two wire protocol is identical to that supported by the
Atmel AT24C16A serial EEPROM chips. Please see that datasheet on the Atmel web site for detailed timing and
protocol information.
The system processor is expected to properly format commands for CryptoCompanion (which may include information
from the CRF chip), and then process the outputs of CryptoCompanion (which may include sending some of the
outputs to the CRF chip).
CryptoCompanion cannot directly communicate with CRF chips. Both CRF and CryptoCompanion are slave devices.
The bus master may use one or two busses to communicate with them. Separate TWI addresses must be used if both
chips are on the same bus.
All communications packets sent to or from CryptoCompanion use the following naming conventions. The column
labeled “TWI name” provides the name of the byte as described in the AT24C16A datasheet.
2. AC & DC Characteristics (Preliminary)
Table 2.
DC Characteristics
Applicable over recommended operating range from VCC = +2.7 to 3.3V,
TAC = 0
oC to 70oC (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
2.7
3.3
V
Icc
Supply Current
1MHz
5
mA
ISB
Standby Current
VIN = VCC or GND
100
uA
VIL
SDA Input Low Voltage
0
VCC x 0.2
V
VIL
CLK Input Low Voltage
0
VCC x 0.2
V
VIL
RST Input Low Voltage
0
VCC x 0.2
V
VIH
SDA Input High Voltage
VCC x 0.7
VCC
V
VIH
SCL Input High Voltage
VCC x 0.7
VCC
V
VIH
RST Input High Voltage
VCC x 0.7
VCC
V
IIL
SDA Input Low Current
0 < VIL < VCC x 0.15
15
uA
IIL
SCL Input Low Current
0 < VIL < VCC x 0.15
15
uA
IIL
RST Input Low Current
0 < VIL < VCC x 0.15
50
uA
IIH
SDA Input High Current
VCC x 0.7 < VIH < VCC
20
uA
IIH
SCL Input High Current
VCC x 0.7 < VIH < VCC
100
uA
IIH
RST Input High Current
VCC x 0.7 < VIH < VCC
150
uA
VOH
SDA Output High Voltage
20K ohm external pull-up
VCC x 0.7
VCC
V
VOL
SDA Output Low Voltage
IOL = 1mA
0
VCC x 0.15
V
IOH
SDA Output High Current
VOH
20
uA
4
CryptoCompanion
™ Chip



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com