Electronic Components Datasheet Search
  English  ▼

X  

ATC13 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATC13
Description  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC13 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATC13 Datasheet HTML 4Page - ATMEL Corporation ATC13 Datasheet HTML 5Page - ATMEL Corporation ATC13 Datasheet HTML 6Page - ATMEL Corporation ATC13 Datasheet HTML 7Page - ATMEL Corporation ATC13 Datasheet HTML 8Page - ATMEL Corporation ATC13 Datasheet HTML 9Page - ATMEL Corporation ATC13 Datasheet HTML 10Page - ATMEL Corporation ATC13 Datasheet HTML 11Page - ATMEL Corporation ATC13 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
6134AS–CASIC–08-Mar-05
ATC13 Summary
optimization. Built-in self-test (BIST) interface allows for easy connection to most mem-
BIST solutions. The special test modes allow externally bypassing read self-timed
circuits and adjusting read margins. Within limits, the user has flexibility in specifying the
logical size of the ROM, including word size, number of address locations and column
mux.
Table 7-3 gives the range of permitted via programmable ROM configurations.
Note:
1. CM = 16, 32, 64: Column Mux option
7.4
Two-port Synchronous Register File
Key features of the two-port synchronous register file are:
• 2-Port (1R, 1W) high-speed/low-power Register File
• 600 MHz worst-case cycle time for 32 words x 32 bits
• Zero quiescent current
• 3-state outputs
• Several aspect ratios for optimization of performance
• Separate data-in, data-out pins
• Optional sub-word write capability
The two-port synchronous register file compiler is a 2-port (one for write, one for read)
memory. This is a high-speed/low-power synchronous register file compiler. The quies-
cent current consumption is zero when all Register File inputs (including CLKA and
CLKB) are stable. The compiler is optimized for a power supply voltage range of 1.1V to
1.32V and can operate at voltages as low as 1.0V. The Register File instances can be
built with several aspect ratios for maximum area and performance optimization. Sepa-
rate clocks (CLKA, CLKB), output (QB), and input (DA) pins allow independent read and
write cycles. Built-in self-test BIST interface allows for easy connection to most mem-
BIST solutions. The memory also also includes a bit-write feature where selective write
to each I/O can be done. A maskable write enable signal is provided for each I/O for
maximum flexibility. Within limits, the user has flexibility in specifying the logical size of
the Register File, including word size, number of address locations and column mux.
Table 7-4 gives the range of permitted two-port synchronous register file configurations.
Notes:
1. CM = 1, 2, 4: Column Mux option
Table 7-3.
Configuration Range
Parameter
Min
Max
Increment
Address Locations (words)
256
64K
16 x CM(1)
Word Size (Number of I/O bits)
4
64
2 bits
Total Bits in Core (Word Size x Address Locations)
512
1M
Table 7-4.
Configuration Range
Parameter
Min
Max
Increment
Address Locations (words)
8
1024
1 x CM(1)
Word Size (Number of I/O bits)
2
256
1 bit
Total Bits in Core (Word Size x Address Locations)
16
16K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com