Electronic Components Datasheet Search
  English  ▼

X  

PCF2123TS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 7Page - NXP Semiconductors PCF2123TS Datasheet HTML 8Page - NXP Semiconductors PCF2123TS Datasheet HTML 9Page - NXP Semiconductors PCF2123TS Datasheet HTML 10Page - NXP Semiconductors PCF2123TS Datasheet HTML 11Page - NXP Semiconductors PCF2123TS Datasheet HTML 12Page - NXP Semiconductors PCF2123TS Datasheet HTML 13Page - NXP Semiconductors PCF2123TS Datasheet HTML 14Page - NXP Semiconductors PCF2123TS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
11 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
9.3.2 Register Control_2
9.4 OS flag
The PCF2123 includes a flag (bit OS) which is set whenever the oscillator is stopped (see
Figure 8 and Figure 9). The flag will remain set until cleared by software. If the flag cannot
be cleared, then the PCF2123 oscillator is not running. This method can be used to
monitor the oscillator and to determine if the supply voltage has reduced to the point
where oscillation fails.
Table 6.
Register Control_2 (address 01h) bits description
Bit
Symbol
Value
Description
Reference
7
MI
0
minute interrupt is disabled
Section 9.8.1
1
minute interrupt is enabled
6
SI
0
second interrupt is disabled
1
second interrupt is enabled
5
MSF
0
no minute or second interrupt generated
1
flag set when minute or second interrupt
generated;
flag must be cleared to clear interrupt
when TI_IP = 0
4
TI_TP
0
interrupt pin follows timer flags
Section 9.9.2
1
interrupt pin generates a pulse
3
AF
0
no alarm interrupt generated
Section 9.7.1
1
flag set when alarm triggered;
flag must be cleared to clear interrupt
2
TF
0
no countdown timer interrupt generated
-
1
flag set when countdown timer interrupt
generated;
flag must be cleared to clear interrupt
when TI_IP = 0
1
AIE
0
no interrupt generated from the alarm flag
Section 9.9.3
1
interrupt generated when alarm flag set
0
TIE
0
no interrupt generated from the countdown
timer
Section 9.9.2
1
interrupt generated by the countdown timer
Fig 8.
OS set by failing VDD
001aai561
VDD
VOSC(MIN)
t
battery operation
main supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com