Electronic Components Datasheet Search
  English  ▼

X  

UBA2014 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UBA2014
Description  600 V driver IC for HF fluorescent lamps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2014 Datasheet(HTML) 5 Page - NXP Semiconductors

  UBA2014 Datasheet HTML 1Page - NXP Semiconductors UBA2014 Datasheet HTML 2Page - NXP Semiconductors UBA2014 Datasheet HTML 3Page - NXP Semiconductors UBA2014 Datasheet HTML 4Page - NXP Semiconductors UBA2014 Datasheet HTML 5Page - NXP Semiconductors UBA2014 Datasheet HTML 6Page - NXP Semiconductors UBA2014 Datasheet HTML 7Page - NXP Semiconductors UBA2014 Datasheet HTML 8Page - NXP Semiconductors UBA2014 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
UBA2014_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 16 October 2008
5 of 19
NXP Semiconductors
UBA2014
600 V driver IV for HF fluorescent lamps
8.
Functional description
8.1 Start-up state
Initial start-up can be achieved by charging the low-voltage supply capacitor C7
(see Figure 8) via an external start-up resistor. Start-up of the circuit is achieved under the
condition that both half bridge transistors TR1 and TR2 are non-conductive. The circuit
will be reset in the start-up state. If the low-voltage supply (VDD) reaches the value of
VDD(start) the circuit will start oscillating. A DC reset circuit is incorporated in the High-Side
(HS) driver. Below the lockout voltage at the FVDD pin the output voltage (VGH − VSH) is
zero. The voltages at pins CF and CT are zero during the start-up state.
8.2 Oscillation
The internal oscillator is a Voltage Controlled Oscillator (VCO) circuit which generates a
sawtooth waveform between the VCF(high) level and 0 V. The frequency of the sawtooth is
determined by capacitor CCF, resistor RIREF, and the voltage at pin CSW. The minimum
and maximum switching frequencies are determined by RIREF and CCF; their ratio is
internally fixed. The sawtooth frequency is twice the half bridge frequency. The UBA2014
brings the transistors TR1 and TR2 into conduction alternately with a duty cycle of
approximately 50 %. An overview of the oscillator signal and driver signals is illustrated in
Figure 4. The oscillator starts oscillating at fmax. During the first switching cycle the
Low-Side (LS) transistor is switched on. The first conducting time is made extra long to
enable the bootstrap capacitor to charge.
8.3 Adaptive non-overlap
The non-overlap time is realized with an Adaptive Non-overlap circuiT (ANT). By using an
adaptive non-overlap circuit, the application can determine the duration of the non-overlap
time and make it optimum for each frequency; see Figure 4. The non-overlap time is
determined by the slope of the half bridge voltage, and is detected by the signal across
resistor R16 which is connected directly to pin ACM. The minimum non-overlap time is
internally fixed. The maximum non-overlap time is internally fixed at approximately 25 %
of the bridge period time. An internal filter of 30 ns is included at the ACM pin to increase
the noise immunity.
8.4 Timing circuit
A timing circuit is included to determine the preheat time and the ignition time. The circuit
consists of a clock generator and a counter.
The preheat time is defined by CCT and RIREF and consists of 7 pulses at CCT; the
maximum ignition time is 1 pulse at CCT. The timing circuit starts operating after the
start-up state, as soon as the low supply voltage (VDD) has reached VDD(start) or when a
critical value of the lamp voltage (Vlamp(fail)) is exceeded. When the timer is not operating
CCT is discharged to 0 V at 1 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com