Electronic Components Datasheet Search
  English  ▼

X  

UBA2014 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # UBA2014
Description  600 V driver IC for HF fluorescent lamps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2014 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button UBA2014 Datasheet HTML 8Page - NXP Semiconductors UBA2014 Datasheet HTML 9Page - NXP Semiconductors UBA2014 Datasheet HTML 10Page - NXP Semiconductors UBA2014 Datasheet HTML 11Page - NXP Semiconductors UBA2014 Datasheet HTML 12Page - NXP Semiconductors UBA2014 Datasheet HTML 13Page - NXP Semiconductors UBA2014 Datasheet HTML 14Page - NXP Semiconductors UBA2014 Datasheet HTML 15Page - NXP Semiconductors UBA2014 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
UBA2014_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 16 October 2008
12 of 19
NXP Semiconductors
UBA2014
600 V driver IV for HF fluorescent lamps
Io(start)
oscillator output start current
VCF = 1.5 V
3.8
4.5
5.2
µA
Io(min)
minimum oscillator output current VCF = 1.5 V
-
21
-
µA
Io(max)
maximum oscillator output
current
VCF = 1.5 V
-
54
-
µA
Output drivers
High-side driver output: pin GH
VOH
HIGH-level output voltage
Io = 10 mA
12.5
-
-
V
VOL
LOW-level output voltage
Io = 10 mA
-
-
0.5
V
Io(source)
output source current
VGH − VSH = 0 V
135
180
235
mA
Io(sink)
output sink current
VGH − VSH = 13 V
265
330
415
mA
Ron
on resistance
Io = 10 mA
323945
Ω
Roff
off resistance
Io = 10 mA
162126
Ω
Low-side driver output: pin GL
VOH
HIGH-level output voltage
Io = 10 mA
12.5
-
-
V
VOL
LOW-level output voltage
Io = 10 mA
-
-
0.5
V
Io(source)
output source current
VGL = 0
135
200
235
mA
Io(sink)
output sink current
VGL = 13 V
265
330
415
mA
Ron
on resistance
Io = 10 mA
323945
Ω
Roff
off resistance
Io = 10 mA
162126
Ω
Floating supply voltage: pin FVDD
VFVDD
lockout voltage
2.8
3.5
4.2
V
IFVDD
floating well supply current
DC level at
VGH − VSH =13V
-35
-
µA
Bootstrap diode
Vboot
bootstrap diode forward drop
voltage
I=5mA
1.3
1.7
2.1
V
Preheat current sensor
Input: pin PCS
Ii
input current
VPCS = 0.6 V
-
-
1
µA
Vph
preheat voltage
0.57
0.60
0.63
V
Output: pin CSW
Io(source)
output source current
VCSW = 2.0 V
9.0
10
11
µA
Io(sink)
output sink current
VCSW = 2.0 V
-
10
-
µA
Adaptive non-overlap and capacitive mode detection; pin ACM
Ii
input current
VACM = 0.6 V
-
-
1
µA
VCMDP
positive capacitive mode
detection voltage
80
100
120
mV
VCMDN
negative capacitive mode
detection voltage
−68
−85
−102
mV
Table 6.
Characteristics …continued
VDD =13V; VFVDD − VSH = 13 V; Tamb =25 °C; all voltages referenced to GND; see test circuit of Figure 8; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com