Electronic Components Datasheet Search
  English  ▼

X  

UBA2014 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UBA2014
Description  600 V driver IC for HF fluorescent lamps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2014 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UBA2014 Datasheet HTML 9Page - NXP Semiconductors UBA2014 Datasheet HTML 10Page - NXP Semiconductors UBA2014 Datasheet HTML 11Page - NXP Semiconductors UBA2014 Datasheet HTML 12Page - NXP Semiconductors UBA2014 Datasheet HTML 13Page - NXP Semiconductors UBA2014 Datasheet HTML 14Page - NXP Semiconductors UBA2014 Datasheet HTML 15Page - NXP Semiconductors UBA2014 Datasheet HTML 16Page - NXP Semiconductors UBA2014 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
UBA2014_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 16 October 2008
13 of 19
NXP Semiconductors
UBA2014
600 V driver IV for HF fluorescent lamps
[1]
The maximum non-overlap time is determined by the level of the CF signal. If this signal exceeds a level of 1.25 V, the non-overlap will
end, resulting in a maximum non-overlap time of 7.5
µs at a bridge frequency of 40 kHz.
Lamp voltage sensor
Input: pin LVS
Ii
input current
VLVS = 0.81 V
-
-
1
µA
Vlamp(fail)
lamp fail voltage
0.77
0.81
0.85
V
Vlamp(fail)(hys) lamp fail hysteresis voltage
119
144
169
mV
Vlamp(max)
maximum lamp voltage
1.44
1.49
1.54
V
Output: pin CT
Io(sink)
output sink current
VCSW = 2.0 V
273033
µA
Io(source)
ignition output source current
VCSW = 2.0 V
9.0
10
11
µA
Average current sensor
Input: pins CSP and CSN
Ii
input current
VCS = 0 V
--1
µA
Voffset
offset voltage
VCSP =VCSN = 0 V to 2.5 V
−2
0
+2
mV
gm
transconductance
f = 1 kHz
1900
3800
5700
µA/mV
Output: pin CSW
Io
output current
source and sink; VCSW = 2 V
8595105
µA
Preheat timer; pin CT
tph
preheat time
CCT = 330 nF;
RIREF =33kΩ
1.6
1.8
2.0
s
tign
ignition time
CCT = 330 nF;
RIREF =33kΩ
-
0.32
-
s
Io
output current
VCT = 2.5 V
5.5
5.9
6.3
µA
VOL
LOW-level output voltage
-
1.4
-
V
VOH
HIGH-level output voltage
-
3.6
-
V
Vhys
hysteresis voltage
2.05
2.20
2.35
V
Table 6.
Characteristics …continued
VDD =13V; VFVDD − VSH = 13 V; Tamb =25 °C; all voltages referenced to GND; see test circuit of Figure 8; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com