Electronic Components Datasheet Search
  English  ▼

X  

CS4245 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4245
Description  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4245 Datasheet HTML 9Page - Cirrus Logic CS4245 Datasheet HTML 10Page - Cirrus Logic CS4245 Datasheet HTML 11Page - Cirrus Logic CS4245 Datasheet HTML 12Page - Cirrus Logic CS4245 Datasheet HTML 13Page - Cirrus Logic CS4245 Datasheet HTML 14Page - Cirrus Logic CS4245 Datasheet HTML 15Page - Cirrus Logic CS4245 Datasheet HTML 16Page - Cirrus Logic CS4245 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
DS656F2
13
CS4245
ADC ANALOG CHARACTERISTICS
Test conditions (unless otherwise specified): AGND = DGND = 0 V; VA = 3.13 V to 5.25 V; VD = 3.13 V to 5.25 V
or VA + 0.25 V, whichever is less; VLS = VLC = 1.71 V to 5.25 V; TA = -10° to +70° C for Commercial or -40° to
+85° C for Automotive; Input test signal: 1 kHz sine wave; measurement bandwidth is 10 Hz to 20 kHz;
Fs = 48/96/192 kHz. Synchronous mode; All connections as shown in Figure 12 on page 29.
Line-Level Inputs
Parameter
Symbol
Commercial Grade
Automotive Grade
Unit
Min
Typ
Max
Min
Typ
Max
Dynamic Performance for VA = 4.75 V to 5.25 V
Dynamic Range
PGA Setting: -12 dB to +6 dB
A-weighted
unweighted
(Note 13)
40 kHz bandwidth unweighted
PGA Setting: +12 dB Gain
A-weighted
unweighted
(Note 13)
40 kHz bandwidth unweighted
98
95
-
92
89
-
104
101
98
98
95
92
-
-
-
-
-
-
96
93
-
90
87
-
104
101
98
98
95
92
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 12)
PGA Setting: -12 dB to +6 dB
-1 dB
-20 dB
-60 dB
(Note 13)
40 kHz bandwidth
-1 dB
PGA Setting: +12 dB Gain
-1 dB
-20 dB
-60 dB
(Note 13)
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-
-
-
-
-95
-81
-41
-92
-92
-75
-35
-89
-89
-
-
-
-86
-
-
-
-
-
-
-
-
-
-
-
-95
-81
-41
-92
-92
-75
-35
-89
-87
-
-
-
-84
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
Dynamic Performance for VA = 3.13 V to 3.46 V
Dynamic Range
PGA Setting: -12 dB to +6 dB
A-weighted
unweighted
(Note 13)
40 kHz bandwidth unweighted
PGA Setting: +12 dB Gain
A-weighted
unweighted
(Note 13)
40 kHz bandwidth unweighted
93
90
-
89
86
-
101
98
95
95
92
89
-
-
-
-
-
-
91
88
-
87
84
-
101
98
95
95
92
89
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 12)
PGA Setting: -12 dB to +6 dB
-1 dB
-20 dB
-60 dB
(Note 13)
40 kHz bandwidth
-1 dB
PGA Setting: +12 dB Gain
-1 dB
-20 dB
-60 dB
(Note 13)
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-
-
-
-
-92
-78
-38
-84
-89
-72
-32
-81
-86
-
-
-
-83
-
-
-
-
-
-
-
-
-
-
-
-92
-78
-38
-84
-89
-72
-32
-81
-84
-
-
-
-81
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com